PART |
Description |
Maker |
P6AU-2415E P6AU-0505 P6AU-0505E P6AU-0512E P6AU-05 |
Input voltage:5V, output voltage 3.3V (300mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 15V (70mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 7.2V (140mA), 1KV isolated 1W unregulated single output 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP4 1KV交隔W的未稳压单输出学校改善工 Input voltage:5V, output voltage 12V (100mA), 1KV isolated 1W unregulated single output
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
P6CG-124R8E P6CG-054R8E P6CG-244R8E P6CG-0512E P6C |
Input voltage:12V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:24V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 12V (100mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:24V, output voltage 3.3V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 9V (150mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 3V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 9V (150mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 12V (100mA), 1KV isolated 0.6-1.5W regulated single output
|
PEAK electronics
|
PD6NG-483R3E21 PD6NG-0505E21 PD6NG-0509E21 PD6NG-0 |
PD6NG-XXXXE2:1 1KV ISOLATED 1W REGULATED SINGLE OUTPUT SIP8 PD6NG - XXXXE2 1KV交隔W的稳压单输出SIP8 PD6NG-XXXXE2:1 1KV ISOLATED 1W REGULATED SINGLE OUTPUT SIP8 PD6NG - XXXXE21 1KV交隔1W的稳压单输出SIP8
|
NXP Semiconductors N.V. PEAK[PEAK electronics GmbH] http://
|
P7BU-0515E P7BU-0505E P7BU-0512E P7BU-2424E P7BU-1 |
1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
|
PEAK[PEAK electronics GmbH]
|
PB10FG-2415E21 PB10FG-1205E21 PB10FG-1215E21 PB10F |
1KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP16
|
PEAK[PEAK electronics GmbH]
|
P10CU-2412E P10CU-0505E P10CU-0512E P10CU-1205E P1 |
1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP7
|
PEAK[PEAK electronics GmbH]
|
D050303XMD D240303XMD D240505XMD D120303XMD D24121 |
1KV Isolated 1W unregulated single dual separated output DIP8 DC?DC Converter
|
Microdc power Technology Co., Ltd Microdc power Technology Co... Microdc power Technolog...
|
P6CG-244R8E P6CG-0503E P6CG-0505E P6CG-0509E P6CG- |
P6CG-XXXXE 1KV ISOLATED 1 W REGULATED SINGLE OUTPUT SIP7 P6CG - XXXXE 1KV交隔1瓦稳压单输出SIP7 P6CG-XXXXE 1KV ISOLATED 1 W REGULATED SINGLE OUTPUT SIP7 P6CG - XXXXE 1KV交隔瓦稳压单输出SIP7
|
PEAK[PEAK electronics GmbH]
|
P8SG-247R2E P8SG-0505E P8SG-1205E P8SG-1212E P8SG- |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
PEN3-4815Z21 PEN3-1205Z21 PEN3-1212Z21 PEN3-1215Z2 |
PEN3-XXXXZ2:1 1.5 KV ISOLATED 2 - 3 W REGULATED DUAL OUTPUT DIP24 PEN3-XXXXZ2:1 1.5 KV ISOLATED 2 - 3 W REGULATED DUAL OUTPUT DIP24 PEN3 - XXXXZ2 1.5千伏隔震2 - 3瓦稳压双输出DIP24 PEN3-XXXXZ2:1 1.5 KV ISOLATED 2 - 3 W REGULATED DUAL OUTPUT DIP24 PEN3 - XXXXZ21 1.5千伏隔震2 - 3瓦稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|