PART |
Description |
Maker |
ZX5T851A ZX5T851ASTZ ZX5T851ASTOA |
NPN Med Power Transistor 60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE 4500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|
ZTX652 ZTX653 |
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS NPN Medium Power Transistor
|
Zetex Semiconductors
|
FXT458 |
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR From old datasheet system
|
ZETEX[Zetex Semiconductors]
|
ZTX649 ZTX649-15 |
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR TRANSISTOR|BJT|NPN|25VV(BR)CEO|2AI(C)|TO-92
TRANSISTORBIPOLAR
|
Zetex Semiconductors Diodes Incorporated
|
BFY5002 BFY50.MODE4 |
MEDIUM POWER AMPLIFIERS NPN SILICON PLANAR TRANSISTOR 1000 mA, 35 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
Seme LAB SEMELAB LTD
|
SG2824J_DESC SG28XXL_883B JAN2801J JAN2802J JAN280 |
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS Driver - Medium Current Array; Package: LCC; 0.6 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR Driver - Medium Current Array; Package: DIP; 0.6 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR Driver - Medium Current Array; Package: DIP; 0.5 A, 95 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR Driver - Medium Current Array; Package: LCC; 0.5 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR
|
Microsemi, Corp. http:// Microsemi Corporation
|
2SD882S-X-AA3-R 2SD882S-X-AB3-R 2SD882S-X-T92-B 2S |
MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR 3000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 MEDIUM POWER LOW VOLTAGE TRANSISTOR 中功率低电压晶体
|
??『绉???′唤?????? UNISONIC TECHNOLOGIES CO LTD Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
2SC3279 E000814 SC3279 2SC3269 |
Silicon NPN transistor for strobo flash applications and medium power amplifier applications STOROBE FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS From old datasheet system NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS) NPN EPITAXIAL TYPE (STOROBO FLASH/ MEDIUM POWER AMPLIFIER APPLICATIONS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
CSD794Y CSD794O CSD794AY |
10.000W Medium Power NPN Plastic Leaded Transistor. 45V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSB744Y 10.000W Medium Power NPN Plastic Leaded Transistor. 45V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSB744O 10.000W Medium Power NPN Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSB744AY
|
Continental Device India Limited
|
2SC5752 2SC5752-T1 2SC5752NE67818 |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | NPN | 6V V(BR)CEO | 100MA I(C) | TSOP NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
|
NEC
|
DXTN07100BP5-13 DXTN07100BP5 |
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR PowerDI?5 100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR PowerDI垄莽5
|
Diodes Incorporated
|