PART |
Description |
Maker |
PB47WG-4812E21H30 PB47WG-1205E21H30 PB47WG-1212E21 |
PB47WG-XXXXE2:1H30 3 KVDC ISOLATED 15 W REGULATED SINGLE OUTPUT
|
http:// PEAK[PEAK electronics GmbH]
|
564R30TSSD22 564R30TSSD27 564R20TSSD22 565R20GAP10 |
Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
|
Vishay Siliconix
|
ECKD4A331MDU ECKD3G331MDU ECKD4C102MDU ECKD4C151MD |
High Voltage Ceramic Disc Capacitors, Rated 4 to 15 kVDC, Temp. Char. Y5T 高压陶瓷电容器光盘,额定4日至15 kVDC,温度。字符Y5T
|
Panasonic Corporation Panasonic, Corp.
|
F471K29Y5RN6UK5R F271K33Y5RR6.K7 F272K84Y5RR83K0 F |
Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC F Series Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC CAPACITOR, CERAMIC, 3000 V, Y5P, 0.0001 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 3000 V, Y5P, 0.00056 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
|
Vishay Siliconix Vishay BCcomponents
|
S820K33SL0P6. S820J33SL0P6. S102K33Y5PP6 S222K43Y5 |
Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose CAPACITOR, CERAMIC, 2000 V, X7R, 0.0001 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 2000 V, X7R, 0.00015 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 2000 V, X7R, 0.00033 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAP 820PF 1000VDC Y5P 10% 7.5 X 4.5MM RDL 5MM - Bulk S 3KV 100PF 10% X5F REEL E3 - Tape and Reel Cap Ceramic 820pF 1000V Y5P 10% (7.5 X 4mm) Radial 5mm 85C Bulk Cap Ceramic 0.0022uF 3000V Y5P 10% (15 X 4mm) Radial 7.5mm 85°C Bulk S 1KV 1NF 10% Y5P REEL E3 - Tape and Reel Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
|
Vishay Siliconix Vishay BCcomponents
|
MA0512XD-1W MA0512XD-2W MA2409XD-2W MA2412XD-2W MA |
1W/2W, FIXED INPUT , ISOLA TED & REGULATED DUAL OUTPUT DC-DC CONVERTER
|
Microdc power Technology Co., Ltd Microdc power Technolog...
|
PB42WG-483R3Z21H30 PB42WG-1205Z21H30 PB42WG-1209Z2 |
3 KVDC ISOLATED 10 W REGULATED DUAL OUTPUT 3 KVDC隔震10瓦稳压双输出
|
http:// PEAK[PEAK electronics GmbH]
|
PB42WG-483R3E21H30 PB42WG-1205E21H30 PB42WG-1209E2 |
3 KVDC ISOLATED 10 W REGULATED SINGLE OUTPUT 3 KVDC隔震10瓦稳压单输出
|
PEAK[PEAK electronics GmbH] http://
|
MD105S-05TI MD105S-12TI MD105S-15TI MD105D-12TI MD |
3 kVDC Isolation, 1W High Temperature, SIP DC/DC Converters
|
MicroPower Direct, LLC
|
ECKD3D121KBP ECKD3D101KBP ECKD3D102KBP ECKD3D122KB |
Ceramic Disc Capacitors (High Voltage) /KBP High Voltage Ceramic Disc Capacitors Rated 1 to 3 kVDC, Temp. Char. Y5P Ceramic Disc Capacitors (High Voltage) /KBP High Voltage Ceramic Disc Capacitors Rated 1 to 3 kVDC, Temp. Char. Y5P
|
Panasonic Semiconductor
|
PD10NG-483R3Z21 PD10NG-0505Z21 PD10NG-0509Z21 PD10 |
PD10NG-XXXXZ2:1 1KV ISOLATED 2W REGULATED DUAL OUTPUT SIP8 PD10NG - XXXXZ21 1KV交隔W的稳压双输出SIP8 PD10NG-XXXXZ2:1 1KV ISOLATED 2W REGULATED DUAL OUTPUT SIP8 PD10NG - XXXXZ2 1KV交隔W的稳压双输出SIP8
|
http:// PEAK[PEAK electronics GmbH]
|