PART |
Description |
Maker |
PB42WG-483R3E21H30 PB42WG-1205E21H30 PB42WG-1209E2 |
3 KVDC ISOLATED 10 W REGULATED SINGLE OUTPUT 3 KVDC隔震10瓦稳压单输出
|
PEAK[PEAK electronics GmbH] http://
|
564R30TSSD22 564R30TSSD27 564R20TSSD22 565R20GAP10 |
Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
|
Vishay Siliconix
|
ECKD4A331MDU ECKD3G331MDU ECKD4C102MDU ECKD4C151MD |
High Voltage Ceramic Disc Capacitors, Rated 4 to 15 kVDC, Temp. Char. Y5T 高压陶瓷电容器光盘,额定4日至15 kVDC,温度。字符Y5T
|
Panasonic Corporation Panasonic, Corp.
|
P8SG-XXXXEH30M P8SG-0505EH30M P8SG-1205EH30M P8SG- |
Input voltage:24V, output voltage 7.2V (200mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 3千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P6LG244R8ZS P6LG0503ZS P6LG0505ZS P6LG053R3ZS P6LG |
Input voltage:5V, output voltage 3.3/3.3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3/3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:24V, output voltage 4.85/4.85V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:24V, output voltage 3.3/3.3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:24V, output voltage 5/5V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:24V, output voltage 3/3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output 3KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT SIP7 3KV ISOLATED 0,6 ?1 W REGULATED DUAL SPLIT OUTPUT SIP7 3KV ISOLATED 1 W REGULATED SINGLE OUTPUT SIP7 3KV ISOLATED 0,6 1 W REGULATED DUAL SPLIT OUTPUT SIP7 千伏隔震0,6瓦稳压双输出SIP7劈裂 Input voltage:5V, output voltage 5/5V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 4.85/4.85V (100/100mA), 3KV isolated 0.6-1W regulated dual split output
|
PEAK[PEAK electronics GmbH]
|
PEN3-4815Z21 PEN3-1205Z21 PEN3-1212Z21 PEN3-1215Z2 |
PEN3-XXXXZ2:1 1.5 KV ISOLATED 2 - 3 W REGULATED DUAL OUTPUT DIP24 PEN3-XXXXZ2:1 1.5 KV ISOLATED 2 - 3 W REGULATED DUAL OUTPUT DIP24 PEN3 - XXXXZ2 1.5千伏隔震2 - 3瓦稳压双输出DIP24 PEN3-XXXXZ2:1 1.5 KV ISOLATED 2 - 3 W REGULATED DUAL OUTPUT DIP24 PEN3 - XXXXZ21 1.5千伏隔震2 - 3瓦稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
DCM3623T75H40C2T70 DCM3623T75H40C2M70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T50M04A2T70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3414T75H31C2T01 DCM3414T75H31C2T05 DCM3414T75H3 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T75H31C2T00 DCM3623T75H31C2M00 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|