PART |
Description |
Maker |
CY7C199 CY7C199-10VC CY7C199-10VI CY7C199-10ZC CY7 |
32K x 8 Static RAM ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 32K X 8 STANDARD SRAM, 20 ns, PDSO28 ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 32K X 8 STANDARD SRAM, 20 ns, CQCC28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 20 ns, PDIP28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 20 ns, CDIP28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 15 ns, CDIP28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 25 ns, CQCC28 32K x 8 Static RAM 32K的8静态RAM
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
BCR503 |
ECONOLINE: REZ - Cost Effective- 1kVDC & 2kVDC Isolation- Custom Solutions Available- No Extern. Components Required- UL94V-0 Package Material- Efficiency to 85% ECONOLINE: REZ - 实际供电:隔离的直流1千伏或直千伏,可用的自定义解决方案:不对外公开,元器件符合规定:UL94V型封装材料,效率达到85%
|
Infineon Technologies AG
|
RF-2424S RF-243.3S RF-243.3D RF-2424D RF-2415S RF- |
MICRO 51 SKT 36" RBW FLOAT ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 TRI TNM PLUG F NOSEAL 0-4 TRI TNM PLUG F SEAL 0-8
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
BCX69 BCX69-25 BCX69-16 BCX6916 |
Obsolete PNP SILICON PLANAR MEDIUM POWER TRANSISTOR ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84%
|
ZETEX[Zetex Semiconductors] ZETEX PLC
|
SA8025A SA8025ADK |
Low-voltage 1.8GHz fractional-N synthesizer ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 低电.8GHz的分数N频率合成
|
NXP Semiconductors N.V.
|
AD9618TQ AD9618JN AD9618SQ AD9618AQ AD9618 AD9618B |
Low Distortion, Precision, Wide Bandwidth Op Amp OP-AMP, 1100 uV OFFSET-MAX, 8000 MHz BAND WIDTH, CDIP8 Low Distortion/ Precision/ Wide Bandwidth Op Amp ECONOLINE: REC3-S_DRW(Z)/H4,H6 - Safety standards and approval: EN 60950 certified, rated for 250VAV (LVD test report)- Applied for Ul 1950 Component
|
Analog Devices, Inc. AD[Analog Devices]
|
P6AU-2415E P6AU-0505 P6AU-0505E P6AU-0512E P6AU-05 |
Input voltage:5V, output voltage 3.3V (300mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 15V (70mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 7.2V (140mA), 1KV isolated 1W unregulated single output 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP4 1KV交隔W的未稳压单输出学校改善工 Input voltage:5V, output voltage 12V (100mA), 1KV isolated 1W unregulated single output
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
REC10-4824SRWLZ REC10 REC10-1205DRWL REC10-1205SRW |
THYRISTOR PROTECT BIDIR 30A SMB ECONOLINE -直流/直流-转炉 THYRISTOR PROTECT BI-DIR 50A SMB ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 THYRISTOR PROTECT BIDIR 50A SMB ECONOLINE -直流/直流-转炉 DSUB CON D*M PIN F179A ECONOLINE -直流/直流-转炉 CONTACT SIG H3 P R/A 50 CONTACT SIGNAL H1 P R/A 30 CONTACT SIGNAL H2 P R/A 50 RP BKA COAX RG 316 SIZE 5 CONTACT SIGNAL H3 P R/A 30 CAB CON 16S PIN 22/20 F80 A176 CONTACT SIGNAL H1 P R/A 50 CAB CON 16S PIN 22/20 F80 A36 THYRISTOR PROTECT BI-DIR 30A SMB CTPIND*MA2024AS-NM-A156 THYRISTOR PROTECT BIDIR 100A SMB
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC3-2415RW REC3-4812RW REC3-4805RW REC3-4809RW RE |
ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 3W DC/DC converter with 68V input, -12V/ -125mA output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
2SC3277 |
ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀 - ContinuousShort Circuit Protection ( /P-Suffix) For Switching Regulators
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|