PART |
Description |
Maker |
RC1313EFR-N-0.1-4-5-2101 RC1313TC-N-0.1-4-5-2101 R |
RC NETWORK, ISOLATED, 0.5W, 330ohm, 200V, 0.25uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.5W, 56ohm, 630V, 1uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.5W, 56ohm, 630V, 0.5uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.5W, 100ohm, 200V, 1uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.25W, 39ohm, 630V, 0.1uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.25W, 680ohm, 630V, 0.1uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.5W, 220ohm, 630V, 0.1uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.25W, 27ohm, 630V, 0.25uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.5W, 150ohm, 630V, 0.25uF, THROUGH HOLE MOUNT, 2 RESISTOR-CAPACITOR NETWORKS
|
ELECTRONIC FILM CAPACITORS INC Electronic Film Capacitors, Inc.
|
AN296 |
USING THE Si3400 AND Si3401 POE PD CONTROLLERS IN ISOLATED AND NON-ISOLATED DESIGNS
|
Silicon Laboratories Inc.
|
AN296 |
USING THE Si3400 AND Si3401 POE PD CONTROLLERS IN ISOLATED AND NON-ISOLATED DESIGNS
|
Silicon Laboratories
|
CRCC1206100F100KEA CRCC1206100F100KTF CRCC1206100F |
RC NETWORK, ISOLATED, 0.125W, 110000ohm, 50V, 0.000068uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 110000ohm, 50V, 0.00068uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 22ohm, 50V, 0.000022uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 68000ohm, 50V, 0.00015uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 68000ohm, 50V, 0.0001uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 68000ohm, 50V, 0.000015uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 68000ohm, 50V, 0.00027uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 68000ohm, 50V, 0.00022uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 510000ohm, 50V, 0.000068uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 910000ohm, 50V, 0.00068uF, SURFACE MOUNT, CHIP-2 Thick Film, Rectangular, Resistor/Capacitor Chip
|
Vishay Siliconix VISHAY DALE
|
CME0505DC CME0505DPC CME0505SC CME0505SPC CME0505S |
Isolated 0.75W Single Output Isolated DC/DC Converters
|
Murata Power Solutions ...
|
RFB300 RFB300-24S12Y RFB300-24S28Y RFB30024S125TJ |
1-OUTPUT 350 W DC-DC REG PWR SUPPLY MODULE high efficiency, enclosed, isolated dc-dc converter DC-DC / Industry Standard Isolated RF Power
|
Emerson Network Power
|
BTA06 BTB06 |
Discrete Triacs(Non-Isolated/Isolated)
|
Sirectifier Semiconductors Sirectifier Global Corp.
|
5B34-01 5B34-02 5B34-03 5B34-04 5B34-N-01 5B34 5B3 |
Isolated Linearized RTD Input Isolated Linearized RTD Input SPECIALTY ANALOG CIRCUIT, XMA Isolated 2-, 3-, or 4-Wire RTD Input Signal Conditioning Module
|
Analog Devices, Inc. AD[Analog Devices]
|
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
7B35 7B35-01-1 7B35-01-2 |
Isolated Process Current Input Signal Conditioning Module with Isolated 24 V Loop Power Isolated Process Current Input with Loop Power
|
Analog Devices
|
7B30-01-1 7B30-01-2 7B30-02-1 7B30-02-2 7B30-08-2 |
Isolated millivolt/Voltage Input Signal Conditioning Module - 3 Hz Bandwidth Isolated, Voltage or Current Input
|
AD[Analog Devices] Analog Devices, Inc.
|
2QSP16-TJ1-472LF 2QSP28-TJ1-472LF 2NBS14-RF1-472LF |
RNET - THIN FILM RESISTOR, NETWORK, FILM, ISOLATED, 0.75 W, SURFACE MOUNT Thin Film on Silicon 2QSP / 2NBS -XX1 Isolated Resistors
|
Bourns, Inc. Bourns Inc. BOURNS[Bourns Electronic Solutions]
|
|