PART |
Description |
Maker |
2SC5439 EE08313 |
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR, HIGH VOLTA SWITCHINGM DC-DC CONVERTER, INVERTER LIGHTING APPLICATIONS) npn型三重扩散型(开关稳压器,高沃尔SWITCHINGM的DC - DC转换器,逆变照明应用 NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR HIGH VOLTA SWITCHINGM DC-DC CONVERTER INVERTER LIGHTING APPLICATIONS) From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
H8_38774 H8_38775 H838776 H8_38776 H8_38776F |
12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
|
Renesas Electronics Corporation
|
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
2SC4399 |
ECONOLINE: RUZ - Dual Output from a Single Input Rail- Input/Output Isolation 1kVDC- Output/Output Isolation 1kVDC- Power Sharing on Outputs- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Efficiency to 85% 高频通用放大器应 High-Frequency General-Purpose Amp Applications
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device Toshiba Semiconductor
|
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
X7AH-07A1A0 S7AH-07A1A0 V7AH-07A1A0 |
NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 1-OUTPUT 23.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 非隔离式DC / DC转换2 V输入0.9 V.3 7 A输出
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
HEC100-48S3P3 HEC100-48S3P3-K HEC100-48S3P3-L HEC1 |
Input range:36-75 VDC;output voltage:3.3 VDC; output current:25 A;input current:2.022 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:5/2.5 VDC; output current:20/25 A;input current:2.45 A; 100 W dual output DC-DC converter Input range:36-75 VDC;output voltage:2.5 VDC; output current:25 A;input current:1.608 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:1.8 VDC; output current:25 A;input current:1.157 A; 100 W single output DC-DC converter
|
Power Mate Technology
|
OM9554SP OM9551SP OM9552SP OM9553SP |
Hi-Rel Switching Regulator 5V Input / 3A Output Current 3.3V / 2.5V 1.8V / 1.5V Output Switching Regulator Three Terminal Package 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 5V Input, 3A Output Current 3.3V, 2.5V 1.8V, 1.5V Output Switching Regulator Three Terminal Package 5V Input 3A Output Current 3.3V 2.5V 1.8V 1.5V Output Switching Regulator Three Terminal Package
|
International Rectifier Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
MIC7111 MIC7111BM5 |
40000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN 1.8V IttyBitty⑩ Rail-to-Rail Input/Output Op Amp Preliminary Information 1.8V IttyBitty Rail-to-Rail Input/Output Op Amp Preliminary Information 1.8V IttyBittyTM Rail-to-Rail Input/Output Op Amp
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MC54HC589J MC54_74HC589A MC74HC589D MC74HC589N ON1 |
8-BIT SERLAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER WITH 3-STATE OUTPUT From old datasheet system 8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High-Performance Silicon-Gate CMOS
|
MOTOROLA[Motorola Inc] ON Semi Motorola, Inc
|