PART |
Description |
Maker |
P6CG-124R8E P6CG-054R8E P6CG-244R8E P6CG-0512E P6C |
Input voltage:12V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:24V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 12V (100mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:24V, output voltage 3.3V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 9V (150mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 3V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 9V (150mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 12V (100mA), 1KV isolated 0.6-1.5W regulated single output
|
PEAK electronics
|
P8SG-247R2Z P8SG-0505Z P8SG-053R6Z P8SG-1205Z P8SG |
Input voltage:5V, output voltage /-3.6V ( /-200mA), 1KV isolated 1.5W regulated dual output 1 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 1千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
PD10NG-483R3Z21 PD10NG-0505Z21 PD10NG-0509Z21 PD10 |
PD10NG-XXXXZ2:1 1KV ISOLATED 2W REGULATED DUAL OUTPUT SIP8 PD10NG - XXXXZ21 1KV交隔W的稳压双输出SIP8 PD10NG-XXXXZ2:1 1KV ISOLATED 2W REGULATED DUAL OUTPUT SIP8 PD10NG - XXXXZ2 1KV交隔W的稳压双输出SIP8
|
http:// PEAK[PEAK electronics GmbH]
|
P6AU-2415E P6AU-0505 P6AU-0505E P6AU-0512E P6AU-05 |
Input voltage:5V, output voltage 3.3V (300mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 15V (70mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 7.2V (140mA), 1KV isolated 1W unregulated single output 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP4 1KV交隔W的未稳压单输出学校改善工 Input voltage:5V, output voltage 12V (100mA), 1KV isolated 1W unregulated single output
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P2AU-2415E P2AU-0505E P2AU-0512E P2AU-0515E P2AU-0 |
Input voltage:24V, output voltage 15V (16.66mA), 1KV isolated 0.25W unregulated single output Input voltage:5V, output voltage 15V (16.66mA), 1KV isolated 0.25W unregulated single output P2AU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT SIP4 P2AU - XXXXE 1KV交隔0,25糯未稳压单输出学校改善工 P2AU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT SIP4 P2AU - XXXXE 1KV交隔,25糯未稳压单输出学校改善工
|
PEAK[PEAK electronics GmbH]
|
P7BU-XXXXE P7BU-0505E P7BU-0512E P7BU-0515E P7BU-1 |
1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8 1KV交隔.25糯未稳压单输出DIP8 1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8 1KV交隔1.25糯未稳压单输出DIP8
|
PEAK[PEAK electronics GmbH] http://
|
P6MG244R8ZS P6MG0503ZS P6MG0505ZS P6MG053R3ZS P6MG |
Input voltage:5V, output voltage 4.85/4.85V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3.3/3.3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 5/5V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3/3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output 3KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT DIP14 3KV ISOLATED 0,6 ?1 W REGULATED DUAL SPLIT OUTPUT DIP14 3KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 3KV ISOLATED 0,6 1 W REGULATED DUAL SPLIT OUTPUT DIP14 千伏隔震0,6瓦稳压双输出DIP14劈裂
|
PEAK[PEAK electronics GmbH]
|
A2403XMD A0503XMD A2405XMD |
1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP8 DC?DC Converter
|
Microdc power Technology Co., Ltd Microdc power Technolog...
|
P6DUI-240505Z P6DUI-050505Z P6DUI-050515Z P6DUI-12 |
1KV ISOLATED 1W UNREGULATED DUAL SEPARATE OUTPUT DIP14 1KV交隔W的未稳压双独立的输出DIP14
|
PEAK[PEAK electronics GmbH]
|