PART |
Description |
Maker |
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
PZ8GG-1515Z PZ8GG-0505Z PZ8GG-0512Z PZ8GG-0515Z PZ |
Input voltage:15V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-15V ( /-50mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-15V ( /-50mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-12V ( /-63mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
P6CG244R8ZS P6CG0503ZS P6CG0505ZS P6CG054R8ZS P6CG |
Input voltage:12V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:24V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output P6CG-XXXXZS 1KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT SIP7 P6CG - XXXXZS 1KV交隔0,6 - 1瓦稳压双输出SIP7劈裂
|
PEAK[PEAK electronics GmbH]
|
P6DG-244R8E P6DG-0503E P6DG-0505E P6DG-0509E P6DG- |
1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 1KV交隔瓦稳压单输出DIP14 1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 1KV交隔1瓦稳压单输出DIP14
|
PEAK[PEAK electronics GmbH]
|
DCM3623T75H40C2T70 DCM3623T75H40C2M70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623X36G06A8YZZ |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T75H31C2T00 DCM3623T75H31C2M00 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T50M13C2T00 DCM3623T50M13C2M00 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T36G31C2T00 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T50M26C2T70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
ASD03-48S12 ASD03-48S15 ASD03-48S3 ASD03-48S5 ASD0 |
Isolated and Regulated 3 WATT Modular DC/DC Converters
|
Astrodyne Corporation
|