PART |
Description |
Maker |
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P8SG-XXXXEH52 P8SG-0505EH52 P8SG-1205EH52 P8SG-121 |
Input voltage:24V, output voltage 7.2V (200mA), 5.2KV isolated 1.5W regulated single output 5.2 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 5.2千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
DCM3623T75H40C2T70 DCM3623T75H40C2M70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3414V50M13C2T01 DCM3414B50M13C2C01 DCM3414B50M1 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T75H31C2T70 DCM3623T75H31C2M70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
K78X2-1000 |
WIDE INPUT NON-ISOLATED & REGULATED
|
MORNSUN Science& Techno...
|
P10SG-2405EH30 P10SG-0505EH30 P10SG-0509EH30 P10SG |
3 KV ISOLATED 2W REGULATED SINGLE OUTPUT DIP24
|
PEAK[PEAK electronics GmbH]
|
FEC40-48S3P3 FEC40-24S3P3 FEC40-24S05 FEC40 FEC40- |
Isolated and Regulated 40 WATT Modular DC/DC Converters
|
Astrodyne Corporation
|