PART |
Description |
Maker |
PZ8GG-1515Z PZ8GG-0505Z PZ8GG-0512Z PZ8GG-0515Z PZ |
Input voltage:15V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-15V ( /-50mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-15V ( /-50mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-12V ( /-63mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
P8SG-247R2EH30 P8SG-0505EH30 P8SG-1205EH30 P8SG-12 |
Input voltage:24V, output voltage 7.2V (200mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 3千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
TP78LU5.0-0.5 TP78LU12-0.5 TP78LU15-0.5 TP78LU24-0 |
Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
|
Toppower Electronic Tec...
|
P8SG-053R6ZH52M P8SG-0505ZH52M P8SG-247R2ZH52M |
Input voltage:5V, output voltage /-3.6V ( /-200mA), 5.2KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 5.2KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-7.2V ( /-100mA), 5.2KV isolated 1.5W regulated single output
|
PEAK electronics
|
DCM3623T75H40C2T70 DCM3623T75H40C2M70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623TA5N06A2T70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T50M13C2T00 DCM3623T50M13C2M00 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T50M31C2T70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T75H53C2M00 DCM3623T75H53C2T00 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
K78X2-1000 |
WIDE INPUT NON-ISOLATED & REGULATED
|
MORNSUN Science& Techno...
|
P10SG-2405E P10SG-0505E P10SG-0509E P10SG-1205E P1 |
1 KV ISOLATED 2W REGULATED SINGLE OUTPUT DIP24
|
PEAK[PEAK electronics GmbH]
|
SU20 |
Isolated and Regulated 20 WATT Modular DC/DC Converters
|
ETC[ETC]
|