PART |
Description |
Maker |
P8SG-247R2EM P8SG-0505EM P8SG-1205EM P8SG-1212EM P |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P8SG-XXXXZM P8SG-0505ZM P8SG-053R6ZM P8SG-1205ZM P |
Input voltage:5V, output voltage /-3.6V ( /-200mA), 1KV isolated 1.5W regulated dual output 1 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 1千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
PZ8GG-1515ZH30 PZ8GG-0505ZH30 PZ8GG-0512ZH30 PZ8GG |
Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:15V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 Input voltage:12V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output
|
PEAK[PEAK electronics GmbH]
|
P6DG-244R8E P6DG-0503E P6DG-0505E P6DG-0509E P6DG- |
1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 1KV交隔瓦稳压单输出DIP14 1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 1KV交隔1瓦稳压单输出DIP14
|
PEAK[PEAK electronics GmbH]
|
DCM3623T75H53C2M00 DCM3623T75H53C2T00 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T50M13C2T00 DCM3623T50M13C2M00 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T50M26C2T70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623X36G06A8YZZ |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3414X50M06A8YZZ-17 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T75H31C2T00 DCM3623T75H31C2M00 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
FDC20-12T0512 FDC20-12T0515 FDC20-24T0512 FDC20-48 |
Isolated and Regulated 20 WATT Modular DC/DC Converters 1-OUTPUT 13.2 W DC-DC REG PWR SUPPLY MODULE Isolated and Regulated 20 WATT Modular DC/DC Converters 1-OUTPUT 19.95 W DC-DC REG PWR SUPPLY MODULE Isolated and Regulated 20 WATT Modular DC/DC Converters 3-OUTPUT 10 W DC-DC REG PWR SUPPLY MODULE Isolated and Regulated 20 WATT Modular DC/DC Converters 2-OUTPUT 10 W DC-DC REG PWR SUPPLY MODULE Isolated and Regulated 20 WATT Modular DC/DC Converters 2-OUTPUT 9.99 W DC-DC REG PWR SUPPLY MODULE Isolated and Regulated 20 WATT Modular DC/DC Converters 2-OUTPUT 9.996 W DC-DC REG PWR SUPPLY MODULE Isolated and Regulated 20 WATT Modular DC/DC Converters 1-OUTPUT 20 W DC-DC REG PWR SUPPLY MODULE Isolated and Regulated 20 WATT Modular DC/DC Converters 3-OUTPUT 9.9 W DC-DC REG PWR SUPPLY MODULE
|
Astrodyne, Inc. ASTRODYNE INC
|