PART |
Description |
Maker |
MTB2P50ET4 MTB2P50ET4G MTB2P50E |
Power MOSFET 2 Amps, 500 Volts(2A, 500V功率MOSFET) 2 A, 500 V, 6 ohm, P-CHANNEL, Si, POWER, MOSFET Power MOSFET 2 Amps, 500 Volts P−Channel D2PAK
|
ON Semiconductor
|
X00134 |
HIGH ENERGY FAST SWITCHING NPN POWER TRANSISTOR 90 AMPS, 300 VOLT
|
Solid States Devices, Inc
|
NTP75N06 NTP75N06D NTP75N06G NTB75N06 NTB75N06G NT |
Power MOSFET 75 A, 60 V, 0.0095 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 75 Amps, 60 Volts
|
ONSEMI[ON Semiconductor]
|
NTD110N02R NTD110N02RG NTD110N02RT4 NTD110N02RT4G |
Power MOSFET 12.5 A, 24 V, 0.0062 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 110 Amps, 24 volts, N-channel, DPAK
|
ONSEMI[ON Semiconductor]
|
NTD32N06L-1G NTD32N06L-001 NTD32N06LG NTD32N06LT4G |
Power MOSFET 32 Amps, 60 Volts 32 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
NID9N05CL NID9N05CLT4 NID9N05CLT4G |
Power MOSFET Power MOSFET 9 Amps, 52 Volts N-Channel, Logic Level(9 A, 52V?昏??靛钩锛???????MOSFET) Power MOSFET 9 A, 52 V, N-Channel, Logic Level, Clamped MOSFET w/ESD Protection in a DPAK Package
|
ON Semiconductor
|
NTB45N06L NTP45N06LG |
Power MOSFET 45 Amps, 60 Volts, Logic Level; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts, Logic Level, N-Channel TO-220; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 45 Amps, 60 Volts Logic Level, N?Channel TO?20 and D2PAK
|
ON Semiconductor
|
NTP75N03RG NTB75N03R NTB75N03RG |
Power MOSFET 75 A, 25V N-Channel, TO-220; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 75 A, 25 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 75 Amps, 25 Volts N?Channel D2PAK, TO?20
|
ON Semiconductor
|
NTD4302 NTD4302T4 NTD4302-1 |
Power MOSFET 68 Amps / 30 Volts(N-Channel DPAK) Power MOSFET 68 Amps, 30 Volts(N−Channel DPAK) Power MOSFET 68 Amps, 30 Volts(N-Channel DPAK)
|
ONSEMI[ON Semiconductor]
|
MTP1306 |
N?Channel Power MOSFET Power MOSFET 75 Amps, 30 Volts
|
ON Semiconductor
|
|