PART |
Description |
Maker |
BRY62 |
Silicon controlled switch Silicon Planar PNPN switch(硅平B>PNPN开
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
2SK2825 |
Field Effect Transistor Silicon N Channel MOS Type For Portable Equipment High Speed Switch Applications Analog Switch Applications
|
TOSHIBA
|
MASW-005100-11940G MASW-005100-11940W |
HMIC Silicon PIN Diode Switch HMIC垄芒 Silicon PIN Diode Switch
|
M/A-COM Technology Solutions, Inc.
|
MCH6935 |
TR : PNP Epitaxial Planar Silicon Transistor FET : N-Channel Silicon MOSFET Power Management Switch Applications
|
Sanyo Semicon Device
|
FJE3303 FJE3303H2 FJE3303H2TU FJE3303H1TU |
NPN Silicon Transistor Planar Silicon Transistor High Voltage Switch Mode Applications
|
Fairchild Semiconductor
|
DSEP2X31-03A DSEP2X31-04A DSEP2X31-12A DSEP2X31-06 |
30 A, 300 V, SILICON, RECTIFIER DIODE MINIBLOC-4 30 A, 400 V, SILICON, RECTIFIER DIODE MINIBLOC-4 30 A, 1200 V, SILICON, RECTIFIER DIODE MINIBLOC-4 30 A, 600 V, SILICON, RECTIFIER DIODE MINIBLOC-4 60 A, 1200 V, SILICON, RECTIFIER DIODE MINIBLOC-4 HiPerFREDTM Epitaxial Diode with soft recovery 30 A, 300 V, SILICON, RECTIFIER DIODE, TO-220AC Versatile Miniature Switch, High Performance
|
IXYS, Corp. IXYS CORP
|
2N4990 |
SILICON UNIDIRECTIONAL SWITCH
|
New Jersey Semi-Conductor Products, Inc.
|
BS08A |
Silicon Bilateral Switch
|
Powerex
|
2W005M 2W10M 2W06M 2W04M 2W08M 2W01M 2W02M |
FLOAT SWITCH, HORIZONTALFLOAT SWITCH, HORIZONTAL; Current, contact max:0.6A; Material:Polypropylene; Temp, op. max:100(degree C); Temp, op. min:-20(degree C); Approval Bodies:UL; Colour:Opaque; Diameter, fixing hole:16.5mm; Length / SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS
|
Surge Components, Inc. SURGE[Surge Components]
|
NTE239 |
Silicon Controlled Switch (SCS)
|
NTE[NTE Electronics]
|
ADM693 ADM692 |
Analog Switch / Multiplexer (Mux) IC; On-Resistance, Rds(on):85ohm; Analog Switch Function:Analog Switch; Leakage Current:0.5nA; Supply Voltage Max Analog Switch / Multiplexer (Mux) IC; Analog Switch Function:Analog Switch; Package/Case:16-DIP; Leaded Process Compatible:No; Leakage Current:0.5nA
|
Analog Devices, Inc.
|