PART |
Description |
Maker |
NTE5699 |
TRIAC - 800VRM, 25A TO220 Full Pack TRIAC - 800VRM 25A TO220 Full Pack
|
NTE[NTE Electronics]
|
NTE56010 NTE56004 NTE56006 NTE56008 NTE56009 |
(NTE56004 - NTE56010) TRIAC / 15 Amp TRIAC, 15 Amp 200 V, 15 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220
|
NTE[NTE Electronics]
|
SC245D-245 SC245B-242 SC265M-252 |
400 V, 10 A, TRIAC, TO-3 200 V, 10 A, TRIAC 600 V, 40 A, TRIAC
|
SEMITRONICS CORP
|
MAC228A MAC228A10 MAC228A10G MAC228A4 MAC228A6 MAC |
TRIAC 8A 600V TRIAC 8A 400V TRIAC 8A 200V
|
ON Semiconductor
|
Q4008R455 Q4X8E373 Q4X8E373AP Q4015R552 Q4015R553 |
400 V, 8 A, TRIAC, TO-220AB 400 V, 0.8 A, TRIAC, TO-92 400 V, 15 A, TRIAC, TO-220AB 500 V, 4 A, TRIAC, TO-202AB 800 V, 4 A, TRIAC, TO-220AB 800 V, 10 A, TRIAC, TO-220AB 200 V, 8 A, TRIAC 200 V, 10 A, TRIAC
|
|
PSMN034-100PS |
N-channel 100 V 34.5 m惟 standard level MOSFET in TO220. N-channel 100 V 34.5 mΩ standard level MOSFET in TO220. N-channel 100 V 34.5 m standard level MOSFET in TO220. 32 A, 100 V, 0.0345 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
NXP Semiconductors N.V.
|
Q6004L4V Q6008L5V Q6015L5V Q6004L3V Q6010L5V Q5008 |
TRIAC|600V V(DRM)|4A I(T)RMS|TO-220AB TRIAC|600V V(DRM)|8A I(T)RMS|TO-220AB TRIAC|600V V(DRM)|15A I(T)RMS|TO-220AB TRIAC|600V V(DRM)|10A I(T)RMS|TO-220AB TRIAC|500V V(DRM)|8A I(T)RMS|TO-220AB 可控硅| 500V五(DRM)的| 8A条口(T)的有效值| TO - 220AB现有 TRIAC|800V V(DRM)|8A I(T)RMS|TO-220AB 可控硅| 800V的五(DRM)的| 8A条口T)的有效值| TO - 220AB现有 TRIAC|400V V(DRM)|4A I(T)RMS|TO-220AB 可控硅| 400V五(DRM)的| 4A条口(T)的有效值| TO - 220AB现有
|
Teridian Semiconductor, Corp. Littelfuse, Inc.
|
STB20NM5007 STB20NM50 STP20NM50 STB20NM50-1 STP20N |
N-channel 500V - 0.20Ω - 20A - TO220/FP-D2PAK-I2PAK MDmesh Power MOSFET N-channel 500V - 0.20ヘ - 20A - TO220/FP-D2PAK-I2PAK MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
T405-700H-TR T410-700H-TR T435-700H-TR T410-600H-T |
Thyristor TRIAC 600V 31A 3TO-220AB T/R 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Absolute Maximum Ratings 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC T4 Series 4A TRIACS
|
ST Microelectronics STMicroelectronics
|
8AS-12 BCR20B-8 BCR25A-8 |
600 V, 0.8 A, TRIAC 400 V, 20 A, TRIAC TRIGGER OUTPUT SOLID STATE RELAY
|
|
CHTB12-600 |
TRIAC ALTERNIST 12A 600V TO220AB 600 V, 12 A, ALTERNISTOR TRIAC, TO-220AB
|
Crydom, Inc.
|
|