PART |
Description |
Maker |
MAC997A6RLRP MAC997A8 MAC997A8RL1 MAC997A8RLRP MAC |
Sensitive Gate Triacs Silicon Bidirectional Thyristors SENSITIVE GATE TRACS 617SS Series Unipolar Hall-Effect Digital Position Sensor; dual output; 4-pin DIP IC 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
ONSEMI[ON Semiconductor]
|
TLC336A TLC386D TLC116 TLC226A TLC226T TLC386A TLC |
200 V, 3 A, TRIAC SENSITIVE GATE TRIACS From old datasheet system 400 V, 3 A, TRIAC
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
2N6072 2N6072A 2N6072B 2N6074 2N6074A 2N6074B 2N60 |
Sensitive gate triac. Silicon bidirectional thyristor. 4 A RMS. Peak repetitive off-state voltage 300 V. Sensitive gate triac. Silicon bidirectional thyristor. 4 A RMS. Peak repetitive off-state voltage 500 V. Sensitive gate triac. Silicon bidirectional thyristor. 4 A RMS. Peak repetitive off-state voltage 600 V.
|
Motorola
|
STU4A60S |
Sensitive Gate Triac
|
WINSEMI SEMICONDUCTOR COMPANY LIMITED
|
NTE56047 NTE56045 |
TRIAC, 16A, Sensitive Gate
|
NTE[NTE Electronics]
|
BT138Y-600E BT138Y-800E |
12 A four-quadrant triacs, sensitive gate, insulated 4Q Triac 4Q双向可控
|
NXP Semiconductors N.V.
|
MAC4DHM MAC4DHMT4 MAC4DHM-001 |
Sensitive Gate Triacs Silicon Bidirectional Thyristors From old datasheet system Sensitive Gate Triacs Silicon Bidirectional Thyristors 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
ONSEMI[ON Semiconductor]
|
BT136-800E BT136-800E127 |
4Q Triac 4Q双向可控 Triacs sensitive gate - I<sub>GT</sub>: 10 mA; I<sub>T</sub> (R<sub>MS</sub>): 4 A; V<sub>DRM</sub>: 800 V; Package: week 1, 2005
|
NXP Semiconductors N.V.
|
BT134 BT134-500 BT134-500F BT134-500G BT134-600 BT |
Triacs 500 V, 4 A, TRIAC Triacs 800 V, 4 A, TRIAC Triacs(双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT139X BT139X-500 BT139X-500F BT139X-500G BT139X-6 |
Triacs(??????纭? Transient Voltage Suppressor Diodes 双向可控 DIODE ZENER SINGLE 200mW 2.7Vz 20mA-Izt 0.05 75uA-Ir 1 SOD-323 3K/REEL 800 V, 16 A, TRIAC Triacs(双向可控 500 V, 16 A, TRIAC Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
T1010H-6G T1010H-6G-TR T1010H-6T T1010H-6T-TR T101 |
High-temperature 10A sensitive gate Triacs High temperature 10 A sensitive TRIACs 600 V, 10 A, TRIAC, TO-220AB
|
ST Microelectronics STMicroelectronics
|
BT138 BT138-600D BT138-600E BT138-800E BT138-600E1 |
4Q Triac 4Q双向可控 12 A four-quadrant triacs, sensitive gate - I<sub>GT</sub>: 10 mA; I<sub>T</sub> (R<sub>MS</sub>): 12 A; V<sub>DRM</sub>: 600 V; Package: SOT78 (TO-220AB); Container: Tube pack 12 A four-quadrant triacs, sensitive gate; Package: SOT78 (TO-220AB); Container: Tube pack
|
NXP Semiconductors N.V.
|