PART |
Description |
Maker |
T2302B T2300 T2301 |
(T2300 - T2302) 2.5-A sensitive-gate silicon triac. Max 10 mA gate
|
GE Solid State
|
2N6072 2N6072A 2N6072B 2N6074 2N6074A 2N6074B 2N60 |
Sensitive gate triac. Silicon bidirectional thyristor. 4 A RMS. Peak repetitive off-state voltage 300 V. Sensitive gate triac. Silicon bidirectional thyristor. 4 A RMS. Peak repetitive off-state voltage 500 V. Sensitive gate triac. Silicon bidirectional thyristor. 4 A RMS. Peak repetitive off-state voltage 600 V.
|
Motorola
|
NTE56039 |
TRIAC, 4A Sensitive Gate
|
NTE[NTE Electronics]
|
NTE56044 NTE56042 |
TRIAC, 16A, Sensitive Gate
|
NTE[NTE Electronics]
|
NTE56047 NTE56045 |
TRIAC, 16A, Sensitive Gate
|
NTE[NTE Electronics]
|
BT137F-500E |
500 V, triac sensitive gate
|
Philips
|
HTN4A60S |
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-126 PACKAGE)
|
SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
|
FS0202MA00BU FS0201NA FS0201BA FS0201BB FS0201DA F |
600 V, sensitive gate SCR 400 V, sensitive gate SCR 200 V, sensitive gate SCR 800 V, sensitive gate SCR
|
Fagor Electronic Components Inc
|
BT137B-500E BT137B-800E |
Triacs sensitive gate(双向可控硅敏感门) 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263AB
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MAC97A8RLRP |
Sensitive Gate Triacs Silicon Bidirectional Thyristors 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
ON Semiconductor
|
BT136-600E127 |
Triacs sensitive gate - I<sub>GT</sub>: 10 mA; I<sub>T</sub> (R<sub>MS</sub>): 4 A; V<sub>DRM</sub>: 600 V; Package: week 1, 2005 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
NXP Semiconductors N.V.
|