PART |
Description |
Maker |
BC490A BC490-D BC490AZL1 |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | TO-92 From old datasheet system High Current Transistors PNP Silicon PNP Silicon Plastic Transistor
|
ON Semiconductor
|
2SB1026 2SB1026DL 2SB1026DM |
Silicon PNP Transistor Silicon PNP Epitaxial Transistor TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 1A I(C) | TO-243 晶体管|晶体管|进步党| 100V的五(巴西)总裁| 1A条一(c)|43 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Renesas Technology / Hitachi Semiconductor Maxim Integrated Products, Inc.
|
Q62702-F1582 BF569W Q62702-F1322 |
From old datasheet system PNP Silicon RF Transistor (For oscillators mixer and self-oscillating mixer stages in UHF TV-tuner) PNP Silicon RF Transistor kein Status PNP Silicon RF Transistor (For oscillators, mixer and self-oscillating mixer stages in UHF TV-tuner) NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications) NPN硅射频晶体管(低失真输出天线的宽带和电信放大级)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
2N3634 JANTX2N3634 JANTX2N3634L JANTX2N3635 JANTX2 |
PNP SILICON AMPLIFIER TRANSISTOR PNP Transistor PNP SILICON AMPLIFIER TRANSISTOR 1000 mA, 175 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
2SA812 2SA812M6 2SA812M4 2SA812M5 2SA812M7 2SB812- |
Silicon transistor AUDIO FREQUENCY,GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD AUDIO FREQUENCY/GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 100MA I(C) | SOT-346
|
NEC
|
2N2905A |
HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 High Speed, Saturated Switch PNP Silicon Transistor(高速、饱和开关型PNP硅晶体管) 高速,饱和硅晶体管开关进步党(高速,饱和开关型进步党硅晶体管)
|
TT electronics Semelab, Ltd. STMicroelectronics N.V. SEME-LAB[Seme LAB]
|
CMLM0605 |
MULTI DISCRETE MODULESURFACE MOUNT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp.
|
2N1025 2N2176 2N1475 2N1027 2N1474 2N329B 2N1654 2 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 50MA I(C) | TO-5 5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 50MA I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 100MA I(C) | TO-5 Silicon Transistors
|
Semitronics
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
FC155 |
PNP Epitaxial Planar Silicon Transistor (With bias resistances) PNP Epitaxail Planar Silicon Transistor Constant-Current Circuit Applications
|
SANYO
|
2SA2042 |
From old datasheet system Silicon PNP Epitaxial Planar Transistor Silicon PNP Transistor
|
List of Unclassifed Manufacturers ETC[ETC] Sanken
|
BD180 ON0190 |
POWER TRANSISTOR PNP SILICON CASE 77-09 TO-225AA TYPE From old datasheet system Plastic Medium Power Silicon PNP Transistor
|
Motorola Inc ON Semiconductor MOTOROLA[Motorola, Inc]
|