PART |
Description |
Maker |
GMBT194 |
N P N S I L I CO N P L A N A R M E D I UM POWE R T R A N S I S T O R NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
|
E-Tech Electronics LTD GTM CORPORATION
|
2SD2403 2SD2403GZ 2SD2403-GX-AZ |
NPN epitaxial type silicon transistor NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-243 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3A条一(c)|43 3 A, 60 V, NPN, Si, POWER TRANSISTOR
|
NEC[NEC] NEC, Corp. NEC Corp.
|
BC550C BC549B BC549B-D BC549C BC550B |
TRANSISTOR|BJT|NPN|45VV(BR)CEO|100MAI(C)|TO-92
Low Noise Transistors NPN Silicon(硅NPN低噪声晶体管) 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Low Noise Transistor NPN Silicon(30V硅NPN低噪声晶体管) 低噪声晶体管NPN硅(30V的硅npn型低噪声晶体管)
|
ON Semiconductor http://
|
2SD773 2SD773U4 2SD773-L2-AZ |
2000 mA, 16 V, NPN, Si, SMALL SIGNAL TRANSISTOR TRANSISTOR | BJT | NPN | 16V V(BR)CEO | 2A I(C) | TO-221VAR NPN SILICON TRANSISTOR From old datasheet system
|
NEC Corp. NEC[NEC]
|
2SC4900 |
Silicon NPN Transistor Silicon NPN Epitaxial UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
MJ802 |
High-Power NPN Silicon Transistor 30 A, 90 V, NPN, Si, POWER TRANSISTOR, TO-204AA 30 AMPERE POWER TRANSISTOR NPN SILICON 100 VOLTS 200 WATTS
|
Motorola, Inc. ONSEMI[ON Semiconductor]
|
BFS17S |
RF-Bipolar - NPN Silicon RF dual transistor array (2xBFS17W) for broadband amplifiers NPN Silicon RF Transistor
|
Infineon Technologies AG
|
2SD596 2SD596-L 2SD596-T2B 2SD596DV1 2SD596DV4 2SD |
TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 700MA I(C) | SOT-346 晶体管|晶体管|叩| 25V的五(巴西)总裁| 700mA的一(c)|的SOT - 346 AUDIO FREQUENCY POWER AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD Silicon transistor
|
NEC, Corp. NEC Corp. ETC
|
BC637L34Z BC637D26Z |
NPN Epitaxial Silicon Transistor 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
KSD471AYTA KSD471AYBUNL |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 1000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor 1000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|