PART |
Description |
Maker |
H11A4 H11A2 H11A1 H11A5 H11A3 H11A2S |
Property of Lite-On Only OPTOISOLATOR W/BASE SMD 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER OPTOISOLATOR W/BASE 6-DIP 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
Lite-On Technology Corporation Lite-On Technology, Corp.
|
VO306208 VO3062 VO3062-X006 VO3062-X007T VO3063 VO |
Phototriac, Zero Crossing, 1.5 kV/楼矛s dV/dt, 600 V Phototriac, Zero Crossing, 1.5 kV/μs dV/dt, 600 V
|
Vishay Siliconix
|
NTE3095 |
Optoisolator
|
NTE[NTE Electronics]
|
NTE3090 |
Optoisolator Schmitt Trigger Output
|
NTE[NTE Electronics]
|
NTE3044 |
Optoisolator NPN Darlington Transistor Output
|
NTE Electronics
|
ADM663 ADM663A ADM663AAN ADM663AAR ADM666A ADM666A |
Tri-Mode: 3.3 V 5 V Adjustable Micropower Linear Voltage Regulators(332.03 k) Tri-Mode: 3.3 V. 5 V. Adjustable Micropower Linear Voltage Regulators 三模式:3.3五,调节微功率线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators 三模式:3.3伏,5伏,可调微功耗线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators FIXED/ADJUSTABLE POSITIVE REGULATOR, PDSO8 Tri-Mode: 3.3 V/ 5 V/ Adjustable Micropower Linear Voltage Regulators Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulator Featuring Additional Low Battery Monitoring Circuitry
|
Analog Devices, Inc. AD[Analog Devices]
|
NTE3045 |
Optoisolator Silicon NPN Darlington Phototransistor Output
|
NTE Electronics
|
MOC119 |
6-Pin DIP Optoisolator Darlington Output(No Base Connection)
|
MOTOROLA[Motorola, Inc]
|
MOC2A60 MOC2A60-10 MOC2A60-5 |
OPTOISOLATOR 2 AMP ZERO CROSS TRIAC OUTPUT 600 VOLTS
|
Motorola, Inc
|
PM1205S PM1205STR |
Zero-Crossing Detection
|
IXYS Corporation
|
AD7247 AD7247AQ AD7247BQ AD7247JN AD7247JR AD7247K |
OPTOISOLATOR, 100% CTR TRANSISTOR OUTPUT LC2MOS DUAL 12-BIT DACPORT
|
Analog Devices, Inc. AD[Analog Devices]
|