PART |
Description |
Maker |
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
MJH6287 MJH6284 ON2053 |
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system 20 AMPERE COMPLEMENTARY SILICON
|
ONSEMI[ON Semiconductor]
|
2N3055MJ2955 MJ2955 2N3055 ON0038 2N3055_MJ2955 |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 120 VOLTS 115/ 180 WATTS 15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS 15安培功率晶体管互补性的芯片6015 Complementary SlllconPower Translstors From old datasheet system
|
ON Semiconductor Motorola Inc MOTOROLA[Motorola, Inc]
|
D45VH D44VH |
Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
|
ONSEMI[ON Semiconductor]
|
MJ2955 2N3055 4079 |
COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system COMPLEMENTARY SILICON POWER TRANSISTORS
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
BD202 NTE182 NTE183 |
Silicon Complementary Transistors General Purpose Amplifier/ Switch Silicon Complementary Transistors General Purpose Amplifier, Switch 3/8 Pin 100mA Adjustable Positive Regulator 3-TO-92 0 to 125
|
NTE Electronics, Inc.
|
2N6107 2N6111 2N6292 2N6109 2N6288 2N6107-D |
Complementary Silicon Plastic Power Transistors POWER TRANSISTORS COMPLEMENTARY SILICON
|
ONSEMI[ON Semiconductor]
|
2N6473 2N6474 2N6476 2N6475 |
COMPLEMENTARY SILICON SWITCHING TRANSITORS 4 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON SWITCHING TRANSITORS 4 A, 120 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON SWITCHING TRANSITORS 4 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MJE70006 MJE700G MJE702G MJE703G MJE803G MJE700 MJ |
Plastic Darlington Complementary Silicon Power Transistors(浜?ˉ??揪??】纭?????浣??) 4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
|
ONSEMI[ON Semiconductor]
|
2N604006 2N6042G 2N6040G 2N6043G 2N6045G 2N6040 2N |
Plastic Medium−Power Complementary Silicon Transistors Plastic Medium?Power Complementary Silicon Transistors
|
http:// ONSEMI[ON Semiconductor]
|