PART |
Description |
Maker |
NTE28 |
Germanium PNP Transistor High Current, High Gain Amplifier
|
NTE[NTE Electronics]
|
NTE126 |
Germanium Mesa Transistor, PNP, for High-Speed Switching Applications
|
NTE[NTE Electronics]
|
NTE158 |
Germanium PNP Transistor Audio Power Amplifier
|
NTE[NTE Electronics]
|
NTE226 |
Germanium PNP Transistor Audio Power Amp
|
NTE[NTE Electronics]
|
NTE104 |
Germanium PNP Transistor Audio Frequency Power Amplifier
|
NTE[NTE Electronics]
|
AF239S Q62701-F51 SIEMENSAG-Q62701-F51 |
LJT 41C 41#16 SKT WALL RECP PNP GERMANIUM RF TRANSISTOR
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BFP650 |
Digital Transistors - NPN SiGe RF Transistor, high power amplifiers, low noise RF transistor in SOT343 Package, 4V, 150mA NPN Silicon Germanium RF Transistor
|
Infineon Technologies AG
|
1N476 1N499 1N500 1N279 1N292 1N294 1N567 1N450 1N |
165 V, 500 mA, gold bonded germanium diode 100 V, 500 mA, gold bonded germanium diode 12 V, 500 mA, gold bonded germanium diode 90 V, 500 mA, gold bonded germanium diode GOLD BONDED DIODES(LOW FORWARD VOLTAGE, LOW POWER CONSUMPTION) 75 V, 500 mA, gold bonded germanium diode 120 V, 500 mA, gold bonded germanium diode 70 V, 500 mA, gold bonded germanium diode 80 V, 500 mA, gold bonded germanium diode 115 V, 500 mA, gold bonded germanium diode 60 V, 500 mA, gold bonded germanium diode
|
BKC International Electronics ETC[ETC]
|
KRA521T KRA523T KRA524T KRA522T KRA526T KRA525T |
Built in Bias Resistor (KRA521T - KRA526T) EPITAXIAL PLANAR PNP TRANSISTOR EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT) 800 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Korea Electronics (KEC)
|
2SA1742 2SA1742K 2SA1742-K |
7 A, 60 V, PNP, Si, POWER TRANSISTOR Silicon powor transistor PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
NEC[NEC]
|
|