PART |
Description |
Maker |
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
2N6052 2N6058 |
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 12 AMPERE COMPLEMENTARY
|
ON Semiconductor
|
MJB42CT4 MJB41C MJB41CT4 MJB42C MJB41C-D |
Complementary Silicon Plastic Power Transistors D2PAK for Surface Mount Complementary Silicon Plastic Power Transistors 6 A, 100 V, PNP, Si, POWER TRANSISTOR Complementary Silicon Plastic Power Transistors 6 A, 100 V, NPN, Si, POWER TRANSISTOR
|
http:// ONSEMI[ON Semiconductor]
|
BD242A |
COMPLEMENTARY SILICON PLASTIC COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
|
New Jersey Semi-Conductor P...
|
NTE275 NTE274 |
Silicon complementary PNP transistor. Darlington power apmlifier, switch. Silicon Complementary Transistors Darlington Power Amplifier, Switch
|
NTE[NTE Electronics]
|
BD787 ON0199 BD788 |
POWER TRANSISTORS COMPLEMENTARY SILICON From old datasheet system Complementary Plastic Silicon Power Transistors
|
Motorola Inc ON Semiconductor MOTOROLA[Motorola, Inc]
|
NTE2404N NTE2404NPN NTE2404 NTE2405 |
300 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR Silicon Complementary Transistors Darlington / General Purpose Silicon Complementary Transistors Darlington, General Purpose
|
NTE[NTE Electronics]
|
2N6488 2N6487 2N6490 5237 |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
2N6040 2N6045 2N6044 2N6041 2N6042 2N6043 2N6040-D |
COMPLEMENTARY SILICON POWER TRANSISTORS Plastic Medium-Power Complementary Silicon Transistors
|
http:// Central Semiconductor Corp ONSEMI[ON Semiconductor]
|
2N6107 2N6111 2N6292 2N6109 2N6288 2N6107-D |
Complementary Silicon Plastic Power Transistors POWER TRANSISTORS COMPLEMENTARY SILICON
|
ONSEMI[ON Semiconductor]
|
MJH6284 MJH6287 MJH6282 MJH6283 MJH6285 MJH6286 |
Supplementary protector; Current Rating:25A; No. of Poles:2; Mounting Type:DIN Rail RoHS Compliant: Yes DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 / 80 / 100 VOLTS 160 WATTS DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
|
Motorola, Inc. MOTOROLA[Motorola, Inc]
|