PART |
Description |
Maker |
NTE2412 |
100 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon NPN Transistor General Purpose, High Voltage Amp, (Compl to NTE2413)
|
NTE[NTE Electronics] NTE Electronics, Inc.
|
P038 MPSD01 |
500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 100 mA, 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
DDA114EU DDA114EU-7 DDA114TU DDA114TU-7 DDA114YU D |
PNP PRE-BIASED SMALL SIGNAL SOT-63 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, 300 PIN PLUG, 0.05 X 0.05 IN. CENTERLINES, MEG-ARRAY, UL REQUIRED 30 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, PLUG, .050 IN, MEG-ARRAY, 300 X NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
MMDTA42-7-F |
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR 500 mA, 300 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
DDTC114WE DDTC114WE-7 DDTC114YE DDTC114YE-7 DDTC12 |
SNAP LOCK CABLE MARKER - W 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 4-Indent D-Sub Crimper; For Use With:4-Indent Closed-Barrel D-Sub Contacts; Color:Red; Series:1440; Wire Size (AWG):20-12 RoHS Compliant: Yes npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
MPSA42 MPSA42RL1G MPSA42RLRPG MPSA42RLRAG MPSA42G |
High Voltage Transistors Small Signal High Voltage NPN; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 50 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Rectron Semiconductor
|
2SC4366ZI-UR 2SC4366ZI-01 2SC4366ZI-UL 2SC4366ZI-T |
300 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR MPAK-3
|
Air Cost Control Panduit, Corp.
|
MMBTA42LT1 MMBTA42LT1G MMBTA43LT1 MMBTA43LT3 MMBTA |
High Voltage Transistors(NPN Silicon) 50 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB Small Signal High Voltage
|
ONSEMI[ON Semiconductor]
|
FMMTA13TA FMMTA13TC UFMMTA13TC |
300 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR SOT-23, 3 PIN
|
Diodes, Inc. ZETEX PLC DIODES INC
|
PBF259RS |
500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-226AA
|
MOTOROLA INC
|
PMP4501G PMP4501V PMP4501Y PMP4501Y115 |
NPN/NPN matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
|