PART |
Description |
Maker |
UPA812T-T1 UPA812 UPA812T UPA812TGB-T1 PA812T |
Low Noise, High Frequncy Amplifer NPN Transistor(楂??浣??澹版?澶у?NPN?朵?绠? Low Noise, High Frequncy Amplifer NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4227 SMALL MINI MOLD TRANSISTOR | BJT | PAIR | NPN | 10V V(BR)CEO | 65MA I(C) | SOT-363
|
NEC[NEC] NEC Corp.
|
BFS483 |
RF-Bipolar - NPN Silicon RF dual transistor array (2xBFR183W) for low noise, high gain broadband amplifiers NPN Silicon RF Transistor
|
Infineon Technologies AG
|
FZT1051A |
NPN Low Sat Transistor NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR SOT223 NPN SILICON PLANAR
|
Zetex Semiconductors Diodes Incorporated
|
BFP650 |
Digital Transistors - NPN SiGe RF Transistor, high power amplifiers, low noise RF transistor in SOT343 Package, 4V, 150mA NPN Silicon Germanium RF Transistor
|
Infineon Technologies AG
|
2SC5346 2SC5346S |
TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 50MA I(C) | SC-71VAR 50 mA, 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
|
Panasonic, Corp. Matsshita / Panasonic Panasonic Semiconductor
|
2SC3981 2SC3981A |
TRANS NPN 40V 350MW SMD SOT23 5 A, 800 V, NPN, Si, POWER TRANSISTOR Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
2SC4548 0138 2SC4548E-TD-E |
200 mA, 400 V, NPN, Si, SMALL SIGNAL TRANSISTOR PNP Epitaxial Planar Silicon Transistors From old datasheet system NPN Triple Diffuesd Planar Silicon Transistor High-Voltage Driver Applications
|
Sanyo
|
CMLT5551HC |
SURFACE MOUNT PICOmini HIGH CURRENT SILICON NPN TRANSISTOR From old datasheet system High Current NPN Transistor in the SOT-563 package
|
Central Semiconductor Corporation
|
KSC5305 KSC5305D KSC5305DFTTU KSC5305DTU |
High Voltage High Speed Power Switch Application 5 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB NPN Silicon Transistor
|
Fairchild Semiconductor, Corp.
|
2SC2721-LA 2SC2721-KA 2SC2721-15 |
700 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-FREQUENCY AMPLIFIERS AND MID-SPEED SWITCHING
|
Renesas Electronics Corporation
|
BC639-16 BC637 |
High Current Transistor NPN Silicon(硅NPN大电流晶体管) 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|