PART |
Description |
Maker |
E0C63P366 |
CMOS 4-Bit Low Voltage Singl Single Chip Microcomputer Composed of 4-Bit E0C63000 Core CPU,RAM,Rewritable ROM,Segment LCD Driver,On-Board Writing
|
爱普生(中国)有限公
|
IRFR6215PBF IRFU6215PBF IRFR6215TR IRFR6215TRL IRF |
Advanced Process Technology HEXFET㈢ Power MOSFET HEXFET? Power MOSFET 13 A, 150 V, 0.295 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252AA 175°C Operating Temperature
|
International Rectifier
|
IRFIB7N50A IRFIB7N50APBF |
6.6 A, 500 V, 0.52 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A) HEXFET? Power MOSFET 500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
AM29LV010B-45RJC AM29LV010B-55JC AM29LV010B-55JE A |
A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET ST Package 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package -40V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package 20V Dual N-Bidirectional HEXFET Power MOSFET in a 6-Lead FlipFET 30V N-Channel PowerTrench MOSFET 30VN沟道的PowerTrench MOSFET -12V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package x8闪存EEPROM 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 x8 Flash EEPROM x8闪存EEPROM
|
Toshiba, Corp. Advanced Micro Devices, Inc. Spansion, Inc.
|
IRLL024N IRLL024NPBF IRLL024NTR |
55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET Power MOSFET(HEXFET ???MOS?烘?搴??) 4.4 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA
|
IRF[International Rectifier]
|
IRLS3034PBF IRLSL3034PBF IRLS3034TRLPBF IRLS3034PB |
HEXFET Power MOSFET 195 A, 40 V, 0.0017 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA HEXFETPower MOSFET High Efficiency Synchronous Rectification in SMPS
|
International Rectifier
|
IXTH36N50P IXTT36N50P IXTV36N50P IXTV36N50PS IXTQ3 |
MOSFET N-CH 500V 36A TO-247 36 A, 500 V, 0.17 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD PolarHV Power MOSFET
|
IXYS, Corp. IXYS Corporation
|
IRL7833LPBF IRL7833PBF IRL7833SPBF IRL7833STRLPBF |
75 A, 30 V, 0.0038 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB HEXFET?Power MOSFET HEXFET㈢Power MOSFET
|
International Rectifier
|
IRFBE30L IRFBE30S |
800V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET㈢ Power MOSFET HEXFET? Power MOSFET
|
International Rectifier
|