PART |
Description |
Maker |
RF1S23N06LESM |
23A, 60V, 0.065 Ohm, Logic Level,N-Channel Power MOSFETs(23A, 60V, 0.065 Ω,逻辑电平,N沟道功率MOS场效应管) 23 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
Intersil, Corp.
|
STW30N20 STW30NF20 STP30NF20 STB30NF20 |
N-channel 200 V, 0.065 Ohm, 30 A, TO-247 STripFET(TM) Power MOSFET N-channel 200V - 0.065 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET Power MOSFET
|
ST Microelectronics STMicroelectronics
|
IRLL024NQ IRLL024NQTRPBF |
3.1 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET HEXFET? Power MOSFET HEXFET㈢ Power MOSFET 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
International Rectifier
|
VMO40-05P1 VMO60-05F VMO650-01F |
41 A, 500 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET ECOPAC-4 High dv/dt, Low-trr, HDMOS-TM Family 60 A, 500 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-240AA 690 A, 100 V, 0.0018 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IXYS, Corp.
|
RF1S30P06SM RFP30P06 |
30A, 60V, 0.065 Ohm, P-Channel Power MOSFETs
|
Fairchild Semiconductor
|
APT50M65JFLL |
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS. POWER MOS 7 500V 60A 0.065 Ohm
|
Advanced Power Technology Ltd.
|
UPSD3433E-40T6 UPSD3453E-40U6T UPSD3453E-40T6T UPS |
MOSFET, Switching; VDSS (V): 40; ID (A): 40; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.0038; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2280; toff (µs) typ: 0.041; Package: LFPAK MOSFET, Switching; VDSS (V): 30; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0025; RDS (ON) typ. (ohm) @4V[4.5V]: [0.003]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7600; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 20; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0021; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0028]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7750; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 450; ID (A): 0.7; Pch : -; RDS (ON) typ. (ohm) @10V: 5.5; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 140; toff (µs) typ: -; Package: SOP-8 MOSFET, Switching; VDSS (V): 12; ID (A): 3.5; Pch : 0.9; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.026]; RDS (ON) typ. (ohm) @2.5V: 0.034; Ciss (pF) typ: 770; toff (µs) typ: 0.036; Package: CMFPAK-6 MOSFET, Switching; VDSS (V): 80; ID (A): 30; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.01; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0115]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 3520; toff (µs) typ: -; Package: WPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制 Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic Turbo Plus系列高速涡032 USB和可编程逻辑控制 MOSFET, Switching; VDSS (V): 100; ID (A): 25; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.012; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 4350; toff (µs) typ: 0.037; Package: LFPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制
|
意法半导 STMicroelectronics N.V.
|
IRF1404SPBF IRF1404LPBF IRF1404STRLPBF IRF1404SPBF |
HEXFET垄莽 Power MOSFET HEXFET? Power MOSFET 75 A, 40 V, 0.004 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA Advanced Process Technology
|
International Rectifier
|
TSR-065 |
Trimming Potentiometer - TSR-065
|
Suntan Capacitors
|
AM29LV010B-45RJC AM29LV010B-55JC AM29LV010B-55JE A |
A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET ST Package 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package -40V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package 20V Dual N-Bidirectional HEXFET Power MOSFET in a 6-Lead FlipFET 30V N-Channel PowerTrench MOSFET 30VN沟道的PowerTrench MOSFET -12V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package x8闪存EEPROM 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 x8 Flash EEPROM x8闪存EEPROM
|
Toshiba, Corp. Advanced Micro Devices, Inc. Spansion, Inc.
|
|