PART |
Description |
Maker |
NMII-0232 |
CONVERTER 2x2s
|
ETC
|
MC1408 MC1408-8 MC1408-8D MC1408-8F MC1408-8N MC15 |
8-Bit D/A Converter 8-bit multiplying D/A converter IEEE 802.3af PD Controller with Integrated DC/DC 20-HTSSOP -40 to 85 8-Bit high-speed multiplying D/A converter(8位高速乘法D/A转换
|
Philips Semiconductors
|
REC10-2415DRWL REC10-6812DRWL REC10-6812DRWLZ REC1 |
10W DC/DC converter with 9V input, 15/670mA output 10W DC/DC converter with 9V input, 5/2000mA output 10W DC/DC converter with 69V input, -12/ -416mA output 10W DC/DC converter with 69V input, 5/2000mA output 10W DC/DC converter with 69V input, 15/670mA output 10W DC/DC converter with 69V input, -5/ -1000mA output ECONOLINE - DC/DC - CONVERTER 10W DC/DC converter with 68V input, -12/ -416mA output 10W DC/DC converter with 69V input, -15/ -333mA output 10W DC/DC converter with 69V input, 24/416mA output 10W DC/DC converter with 10V input, 5/2000mA output 10W DC/DC converter with 9V input, 12/830mA output
|
Recom International Power
|
CX20201A-1 CX20201A-2 CX20201A-3 CX20202A-1 CX2020 |
8-Bit 160MSPS D/A Converter(8浣??60MSPS D/A杞???? 10/9/8-BIT 160MSPS D/A CONVERTER 10/9/8-BIT 160MSPS D / A转换 5015 RR 4#12 PIN PLUG LC 10/9/8-BIT 160MSPS D / A转换 From old datasheet system 9-Bit 160MSPS D/A Converter(9位B>160MSPS D/A转换 8-Bit 160MSPS D/A Converter(8位B>160MSPS D/A转换 10-bit 160MSPS D/A Converter
|
Sony, Corp. Sony Corporation
|
TC96205 TC962MJA TC1047_06 TC962COE TC962CPA TC962 |
Precision Temperature-to-Voltage Converter High Current Charge Pump DC-to-DC Converter
|
MICROCHIP[Microchip Technology]
|
BH2220FVM |
Video LSIs > For DVC > Tuning D/A converter 8bit 3ch D/A converter
|
Rohm
|
NJU7660 NJU7660D NJU7660M NJU7660V NJU7660MTE1 |
SWITCHED CAPACITOR CONVERTER, 5 kHz SWITCHING FREQ-MAX, PDSO8 VOLTAGE CONVERTER
|
NJRC[New Japan Radio]
|
HI3286 |
A/D Converter, 8-Bit, 160MSPS, Input Bandwidth 250MHz, Flash, with PS Power Saving Pin 8Bits 160MSPS, Flash A/D Converter(8浣??60MSPS ???A/D杞???? 8Bits 160MSPS, Flash A/D Converter(8位60MSPS 闪存A/D转换
|
Intersil Corporation
|
UPC6012 UPC6012C |
Converter IC 12 Bit High Speed Multiplying D/A Converter
|
NEC
|