PART |
Description |
Maker |
NLAS4717EPMTR2G NLAS4717EP NLAS4717EPFCT1G |
4.5 ohm High Bandwidth, Dual SPDT Analog Switch
|
ONSEMI[ON Semiconductor]
|
BXA30-48S3V3/8-F BXA30-48S3V3-1 BXA30-12S05-F BXA3 |
Low on resistance quad, SPDT, wide-bandwidth video switch Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer 14 bit dual supply bus transceiver level translator, a side series resistor, 2 bit I²C lines Low voltage 0.5O max quad SPDT switch with break before make feature Low voltage 0.5 O max quad SPDT switch with break-before-make feature Low voltage 0.5O max dual SPDT switch with break before make feature Low voltage 4 O SPDT switch Low voltage 0.5 O max dual SPDT switch with break-before-make Low voltage high bandwidth Quad SPDT switch DC至DC转换 Low Voltage 0.5 Ohm Max, quad SPDT switch with break-before-make feature DC至DC转换 DC to DC Converter DC至DC转换 Low voltage high bandwidth dual SPDT switch DC至DC转换
|
Jiangsu Changjiang Electronics Technology Co., Ltd.
|
UM4258Q-16 |
4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
|
Union Semiconductor, In...
|
AD5415 EVAL-AD5415EB AD5415YRU AD5415YRU-REEL AD54 |
Dual 12-Bit, High Bandwidth, Multiplying DAC with 4 Quadrant Resistors and Serial Interface From old datasheet system Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Serial Interface
|
AD[Analog Devices]
|
MIC4950007 MICRELINC-MIC49500-0.9WUTR |
5A Dual Supply, Low Voltage, High Bandwidth LDO
|
Micrel Semiconductor
|
RF3867PCK-410 RF3867PCK-411 RF3867PCK-412 RF3867 |
DUAL-CHANNEL, WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
|
RF Micro Devices
|
NC7WZ38L8X NC7WZ38 NC7WZ38K8X NC7WZ38L8XPRELIMINAR |
TinyLogic UHS Dual 2-Input NAND Gate 4 Ohm, Low Voltage, Wide Bandwidth Single SPST in 6-ld SOT-23, NC TinyLogic UHS Dual 2-Input NAND Gate
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
EVAL-AD5415EB AD5415YRU-REEL7 |
Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Serial Interface
|
Analog Devices, Inc.
|
CS5371 |
24-Bit Variable-Bandwidth, High-Performance, Single/Dual-Channel Delta-Sigma Modulators
|
Cirrus Logic
|
MC33074 MC34072 MC34072AD |
(MC33071 / MC33072 / MC33074) High Slew Rate / Wide Bandwidth / Single Supply Operational Amplifiers Dual Voltage Detector With Adjustable Hysteresis 6-SOT-23 -40 to 85 DUAL OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO8
|
ON Semiconductor
|
RK2112N-B50K RK2112N |
IC LOGIC 253 DUAL 4:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH 2.5V~3.3V -40 85C QSOP-16 97/TUBE 21毫米卡入式旋转电位器 21mm Snap-In Rotary Potentiometer
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|