PART |
Description |
Maker |
BU7291SG-TR BU7294F-E2 BU7294SF-E2 BU7294SFV-E2 BU |
Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
|
Rohm
|
NJM2732 |
Full-Swing Input and Output type Dual Operational Amplifier
|
njr
|
NJM2734 NJM2734D NJM2734E NJM2734M NJM2734V |
Full-Swing Input and Output type Quad Operational Amplifier
|
New Japan Radio
|
LMR931G LMR931G-GTR LMR932F LMR932F-GE2 LMR932FJ L |
Low Power Input-Output Full Swing Operational Amplifier
|
ROHM
|
BU7265SG |
Low Power Input-Output Full Swing Operational Amplifier
|
ROHM
|
BU7244SFV BU7242SF BU7241G BU7241SG BU7241SG-TR |
Low Power Input-Output Full Swing Operational Amplifier
|
ROHM
|
BD12730G-TR |
Low Current Consumption Input/Output Full Swing Operational Amplifier
|
Rohm
|
NJU7042 NJU7042F |
INPUT/OUTPUT FULL-SWING TINY SINGLE C-MOS OPERATIONAL AMPLIFIER From old datasheet system
|
NJRC[New Japan Radio]
|
BU7233SF-E2 BU7230G BU7230G-TR BU7230SG BU7230SG-T |
Input Full Swing, Low Power Open-Drain Comparator
|
ROHM
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
MC100EP16VT MC100EP16VTD MC100EP16VTDR2 MC100EP16V |
3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination
|
ONSEMI[ON Semiconductor]
|