PART |
Description |
Maker |
NJU6572A |
16Com × 61Seg Output Bit Map LCD Driver
|
New Japan Radio
|
PD7M440 PD7M441H PD7M440H |
16-Bit 160 MSPS 2x/4x/8x Interpolating Dual TxDAC ® D/A Converter 14-Bit, 160 MSPS, 2×/4×/8× Interpolating Dual TxDAC ® D/A Converter MOSFET MODULE Dual 50A 450V/500V
|
ETC[ETC] NIEC[Nihon Inter Electronics Corporation]
|
S6B0715A |
100SEG / 33COM Driver & Controller for STN LCD
|
Samsung Electronic
|
NJU6682 |
160Com × 132Seg 4-level Gray Scale Bit Map LCD Driver
|
New Japan Radio
|
ULN2822LW ULN2822A ULQ2820A ULQ2820LW ULQ2818A ULQ |
LIQUID-CRYSTAL DISPLAY DRIVERS HEX BUFFER/CONVERTERS QUAD EXCLUSIVE OR GATE BCD TO SEVEN SEGMENT LATCH DECODER DRIVES AUDIO MATRIX WITH SRS EFFECTS 8 bit equality comparator 4 word x 4 bit register file (3 state) Octal D-type flip flop with 3 state output inverting Octal D-type latch with 3 state output inverting 8 bit shift register with output latches (3 state) 8 bit register binary counter 8 bit latch/shift register 0.5 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR Dual J-K flip flop with preset and clear 0.5 A, 95 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER 4 Mbit (256Kb ×16) low-voltage UV EPROM and OTP EPROM ULTRA-FAST RECOVERY RECTIFIER DIODES ST6200C/ST6201C/ST6203C - 8-BIT MCUS WITH A/D CONVERTER,TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET Wide bandwidth and MOS inputs single operational amplifier DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX TURBOSWITCH - ULTRA-FAST HIGH VOLTAGE DIODE
|
SANKEN ELECTRIC CO LTD
|
MX23C1010 MX23C1010MC-10 MX23C1010MC-12 MX23C1010M |
1M-BITMASKROM(8BITOUTPUT) From old datasheet system 1M-BIT MASK ROM(8 BIT OUTPUT) MINIATURE GENERAL PURPOSE RELAY 128K X 8 MASK PROM, 45 ns, PDIP32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 90 ns, PDIP32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 100 ns, PQCC32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 150 ns, PQCC32 1M-BIT MASK ROM (8 BIT OUTPUT) 100万位掩码光盘位输出) 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 120 ns, PDIP32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 70 ns, PDSO32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 120 ns, PQCC32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 100 ns, PDSO32
|
MCNIX[Macronix International] Macronix 旺宏 Macronix International Co., Ltd. Altera, Corp.
|
SW-215 SW-216 |
(SW-215 / SW-216) Matched GaAs SPST Switch
|
Tyco Electronics
|
M68707L |
RF POWER MODULE 215-230MHz, 9.6V, 7W, FM PORTABLE RADIO
|
Mitsubishi Electric Corporation
|
SP9501AN SP9501KS SP9501 SP9501AS SP9501BN SP9501B |
SERIAL INPUT LOADING, 4 us SETTLING TIME, 12-BIT DAC, PDIP8 12-Bit, Voltage Output D/A Converter 12位电压输出D / A转换 12-Bit Voltage Output D/A Converter
|
Glenair, Inc. SIPEX[Sipex Corporation]
|
W25X80VZPIZ W25X10 W25X10_07 W25X10VDAC W25X10VDAC |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
WINBOND[Winbond]
|
W25X40AL W25X40ALDAIZ W25X40ALSNIZ W25X40ALZPIG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|