PART |
Description |
Maker |
NE64320 NE64300 NE64310 |
2 GHz NPN medium power microwave transistor
|
NEC[NEC]
|
HMC441 HMC440QS16G HMC441LM1 |
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER/ 7.0 - 15.5 GHz HBT DIGITAL PHASE-FREQUENCY DETECTOR/ 10 - 1300 MHz/ w/ INTEGRATED 5-BIT COUNTER/ 10 - 2800 MHz 800000 SYSTEM GATE 2.5 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.0 - 18.0 GHz
|
美国讯泰微波有限公司上海代表 HITTITE[Hittite Microwave Corporation]
|
CSD882P CSD882R CSD882 CSD882E CSD882Q |
10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSB772P 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSB772R 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSB772Q 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 200 - 400 hFE. Complementary CSB772E 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 400 hFE. Complementary CSB772 Audio Frequency Power Amplifier and Low Speed Switching Applications
|
CDIL[Continental Device India Limited]
|
AA032P1-A4 |
292 GHz Surface Mount Medium Power Amplifier 29-32 GHz Surface Mount Medium Power Amplifier
|
Alpha Industries Inc ALPHA[Alpha Industries]
|
FZT689 FZT689B |
SOT223 NPN SILICON PLANAR MEDIUM NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
FXT458 |
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR From old datasheet system
|
ZETEX[Zetex Semiconductors]
|
2SD1055 2SD1766 D1758 2SD1758 2SD1919 2SD1862 A580 |
Medium Power Transistor (32V, 2A) 2000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR Medium Power Transistor 32V/ 2A Medium Power Transistor 32V, 2A Medium Power Transistor 32V 2A From old datasheet system
|
ROHM[Rohm] Rohm CO.,LTD.
|
TGA1073A-SCC TGA1073A-SCC-15 |
26 35 GHz Medium Power Amplifier
|
TriQuint Semiconductor, Inc.
|
HMMC-5617 |
6-18 GHz Medium Power Amplifier
|
Agilent(Hewlett-Packard)
|
CMM1434-SM-0G0T CMM1434-SM07 |
13.50-14.50 GHz 2.5-Watt Power Amplifier 13500 MHz - 14500 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 13.50-14.50 GHz 2.5-Watt Power Amplifier 13.50-14.50吉赫2.5瓦功率放大器
|
Mimix Broadband, Inc.
|
PE6203 |
Medium Power 25 Watts RF Load Up To 18 GHz
|
Pasternack Enterprises,...
|