PART |
Description |
Maker |
NCP5426-D |
LDO Regulator/Vibration Motor Driver
|
ON Semiconductor
|
MIC37301-1.5BR MIC37301-1.5WR MIC37301-1.5YME MIC3 |
3.0A, Low-Voltage 渭Cap LDO Regulator 3.0A, Low-Voltage μCap LDO Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5
|
Micrel Semiconductor MICREL INC
|
IRU1010-25CD IRU1010-25CP IRU1010-25CS IRU1010-25C |
1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR 1A低压差型正,固定2.5V的稳压器 1A Fixed LDO Linear Regulator in a SOIC 8-Lead package 1A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 1A Fixed LDO Linear Regulator in a SOT-223 3-Leads package
|
International Rectifier, Corp. IRF[International Rectifier]
|
SI91822DH-12-T1-E3 SI91822DH-33-T1 SI9182DH-33-T1 |
LDO Regulator Pos 1.215V 0.6A 8-Pin MSOP T/R LDO Regulator Pos 3.3V 0.6A 8-Pin MSOP T/R LDO Regulator Pos 3.3V 0.5A 8-Pin MSOP T/R IC 1.5 A SWITCHING CONTROLLER, 2000 kHz SWITCHING FREQ-MAX, PDSO16, TSSOP-16, Switching Regulator or Controller REG LDO LIN FIX POS 2.2V 0.3A 5MLP33 - Tape and Reel
|
Vishay Siliconix
|
IRUB1117-33CP IRU1117-33CD IRU1117-33CP IRU1117-33 |
0.8A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 0.8A Fixed LDO Linear Regulator in a SOIC 8-Lead package 0.8A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 0.8A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
|
IRF[International Rectifier]
|
MIC37501-1.5WR MIC37501-1.65BR MIC37501-1.65WR MIC |
5A, Low Voltage 渭Cap LDO Regulator 5A, Low Voltage μCap LDO Regulator 1.65 V FIXED POSITIVE LDO REGULATOR, PSSO7
|
Micrel Semiconductor MICREL INC
|
SPX5205_04 SPX5205 SPX5205M5 SPX5205M5_TR SPX5205M |
150mA, Low-Noise LDO Voltage Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 LEAD FREE, MO-178AA, SOT-23, 5 PIN 1.8 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5
|
EXAR CORP SIPEX[Sipex Corporation] Exar, Corp.
|
MIC39300 MIC39300-1.8BT MIC39300-1.8BU MIC39300-1. |
3A, Low-Voltage Low-Dropout Regulator IC REG LDO 3A 1.8V TO263 1.8 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 IC REG LDO 3A 1.8V TO263-5 1.8 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 IC REG LDO 3A 2.5V TO263-5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 Linear Voltage Regulator IC; Output Current Max:3A; Package/Case:5-TO-263; Output Voltage:1.8V; Current Rating:3A; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No
|
Micrel Semiconductor, Inc. MICREL INC
|
NCP603SNADJT1G NCP603SN500T1G |
300MA High Performance Low−Power, LDO Regulator with Enable 1.25 V-5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.48 V DROPOUT, PDSO5
|
ON Semiconductor
|
NCV4269D1R2 |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
ON Semiconductor
|