PART |
Description |
Maker |
NCP1560-D NCP1560DR2 |
0.01 A SWITCHING CONTROLLER, 315 kHz SWITCHING FREQ-MAX, PDSO16 Full Featured Voltage Mode PWM Controller
|
ON Semiconductor
|
AD5684 AD5684R |
Full-featured evaluation board
|
Analog Devices
|
SC5A-12S3.3 SC5A-12S1.8 SC5A-12S2.5 SC5A-12S5 SC5A |
5-amp, full-featured, non-isolated DC-DC converter
|
BOURNS[Bourns Electronic Solutions]
|
DEMO9S12XEP100 |
full-featured, ready-to-use evaluation system for the MC9S12XEP100 microcontroller
|
Freescale Semiconductor, Inc
|
ST7-EMU3 |
Full-featured, real time emulator series for ST7
|
意法半导
|
EM4100A5CI2LC EM4100A5CX EM4100A5CY EM4100A6CB2RC |
Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-SOIC 模拟杂项 ZVS Full Bridge PWM Controller; Temperature Range: -40°C to 85°C; Package: 28-SOIC 模拟杂项 Analog Miscellaneous 模拟杂项 ZVS Full Bridge PWM Controller; Temperature Range: -40°C to 85°C; Package: 28-SOIC Microprocessor CORE Voltage Regulator 2-4 Phase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-SOIC Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-QFN Single 12V Input Supply Dual Regulator - Synchronous Rectified Buck PWM and Linear Power Controller; Temperature Range: -40°C to 85°C; Package: 16-QFN ZVS Full Bridge PWM Controller; Temperature Range: -25°C to 85°C; Package: 28-SOIC ZVS Full Bridge PWM Controller; Temperature Range: -25°C to 85°C; Package: 28-QFN T&R AnalogMiscellaneous
|
EPCOS AG TE Connectivity, Ltd.
|
LT3479 |
3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
|
Linear Technology
|
LT3479EDE LTC4263IDE-TRPBF |
3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
|
Linear Technology
|
MAX807NCWET MAX807NCUET MAX807NCPE MAX807NEPE MAX8 |
Full-Featured µP Supervisory Circuit with ±1.5% Reset Accuracy
|
MAXIM - Dallas Semiconductor
|
IR3092MPBF |
The IR3092M Control IC provides a full featured, single chip solution for microprocessors.
|
International Rectifier
|
IR3521M IR3521MTRPBF |
A full featured and flexible way to implement a complete AMD SVID power solution.
|
International Rectifier
|