PART |
Description |
Maker |
M38510/30009B2A M38510/30009BAA M38510/30009BAB M3 |
Single 8-input NAND Gate Dual 4-input NAND Gate Quad 2-input NAND Gate Triple 3-input NAND Gate 3输入与非 Triple 3-input NAND Gate 输入与非
|
ITT, Corp. Linear Technology, Corp. Bel Fuse, Inc.
|
U3525-S16-T U3525-S16-R U3525-D16-T U74AHC1G00L-AF |
SINGLE SCHMITT-TRIGGER BUFFER SINGLE SCHMITT-TRIGGER INVERTER QUADRUPLE 2-INPUT POSITIVE-OR GATES 2-INPUT OR GATE 2-INPUT NOR GATE HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER QUADRUPLE 2-INPUT POSITIVE-NAND GATES 2-INPUT EXCLUSIVE-OR GATE SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT BILATERAL SWITCH 2-INPUT AND GATE 2-INPUT NAND GATE REGULATING PWM IC
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
NC7SZ38 NC7SZ38L6X NC7SZ38M5X NC7SZ38P5X |
RECTIFIER FAST-RECOVERY SINGLE 3A 50V 100A-ifsm 0.9V-vf 25ns 10uA-ir SMB 3K/REEL-13 LVC/LCX/Z SERIES, 2-INPUT NAND GATE, PDSO5 TinyLogic UHS 2-Input NAND Gate (Open Drain Output) TinyLogic UHS 2-Input NAND Gate (Open Drain Output)
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
M74HC20 M74HC20RM13TR M74HC20TTR M74HC20B1R M74HC2 |
DUAL 4-INPUT NAND GATE DUAL 4-INPUT NAND GATE 10-Bit, 3 or 9 us DAC, Serial Input, Pgrmable Settling Time/Pwr Consumption, Ultra Low Power 8-MSOP 0 to 70
|
STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
KIC7W00FK |
Dual 2 Input NAND Gate SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL 2-INPUT NAND GATE)
|
Korea Electronics (KEC) KEC(Korea Electronics)
|
KIC7SZ00FU |
2 Input NAND Gate SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
CD4011BT CD4011BDTR 5962R9662101TXC 5962R9662101TC |
16-Bit Bus Transceiver And Register With 3-State Outputs 56-SSOP -40 to 85 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, CDIP14 CMOS Quad 2-Input NAND Gate
|
Intersil, Corp. Intersil Corporation
|
SY10E104 SY10E104JC SY10E104JCTR SY10E104JI SY10E1 |
QUINT 2-INPUT AND/NAND GATE 10E SERIES, 5 2-INPUT AND/NAND GATE, PQCC28
|
Micrel Semiconductor, Inc. MICREL[Micrel Semiconductor]
|
HD74HC30 HD74HC30RP |
LOGIC GATE|8-INPUT NAND|HC-CMOS|SOP|14PIN|PLASTIC 逻辑门| 8输入NAND系列| HC - CMOS制|专科| 14PIN |塑料 8-input NAND Gate
|
SofTec Microsystems SRL Hitachi Semiconductor
|
HCS00MS HCS00D HCS00DMSR HCS00HMSR HCS00K HCS00KMS |
NAND-Gate, 2-Input, Quad, Rad-Hard, High-Speed, CMOS, Logic RES 1.65K-OHM 1% 0.10W 100PPM THK-FILM SMD-0603 TR-7-PA ROHS Radiation Hardened Quad 2-Input NAND Gate
|
INTERSIL[Intersil Corporation] http://
|