PART |
Description |
Maker |
N32T1630C1EZ-70I N32T1630C1E N32T1630C1EZ N32T1630 |
32Mb Ultra-Low Power Asynchronous CMOS PSRAM 32兆超低功耗异步的CMOS移动存储芯片
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
M390S3320BT1 |
32MB x 72 SDRAM DIMM with PLL & Register based on 32MB x 4, 4Banks, 4KB Refresh, 3.3V Synchronous DRAMs with SPD Serial Presence Detect
|
Samsung Electronic
|
MAX6332UR20D3-T MAX6333UR20D3-T MAX6334UR20D3-T MA |
Ultra-low-voltage, low power microprocessor reset circuit. Reset threshold(typ) 1.6V, reset timeout(min) 20ms. 3-Pin, Ultra-Low-Voltage, Low-Power P Reset Circuits 3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits 3-Pin Ultra-Low-Voltage Low-Power P Reset Circuits From old datasheet system 3-Pin, Ultra-Low-Voltage, Low-Power レP Reset Circuits 3-Pin / Ultra-Low-Voltage / Low-Power P Reset Circuits TV 79C 79#22D SKT RECP 3引脚,超低电压,低功耗レP复位电路 Ultra-low-voltage, low power microprocessor reset circuit. Reset threshold(typ) 1.6V, reset timeout(min) 1ms.
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
IC62VV1008LL IC62VV1008L IC62VV1008L-100B IC62VV10 |
70ns; 1.8V; 1M x 8 ultra low power CMOS static RAM 1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 100ns; 1.8V; 1M x 8 ultra low power CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
IRFR3910PBF IRFR3910TR IRFR3910TRPBF IRFR3910PBF-1 |
16 A, 100 V, 0.115 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA Ultra Low On-Resistance ULTRA LOW ON RESISTANCE Ultra Low On-Resistance
|
International Rectifier
|
N02L63W3AB25I N02L63W3AB5IT N02L63W3A |
2 Mb Ultra-Low Power Asynchronous CMOS SRAM 2 Mb, 3 V Low Power SRAM; Package: BGA; No of Pins: 48; Container: Tape and Reel; Qty per Container: 2500 128K X 16 STANDARD SRAM, 70 ns, PBGA48 2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K ? 16bit
|
ON Semiconductor
|
27C512A-90/J 27C512A-90/K 27C512A-70/J 27C512A-70/ |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps 500MHz, Low-Power Op Amps 250MHz, Broadcast-Quality, Low-Power Video Op Amps Evaluation Kit for the MAX4104, MAX4105, MAX4304, MAX4305 Micropower, SOT23, Rail-to-Rail, Fixed-Gain GainAmp Open-Loop GainAmps Op Amps 400MHz, Ultra-Low-Distortion Op Amps x8 EPROM x8存储 330MHz Buffered Video Switches Crosspoint Building Blocks x8存储 350MHz, Ultra-Low-Noise Op Amps x8存储 Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers x8存储
|
Integrated Device Technology, Inc.
|
IS62WV51216BLL-55BLI IS62WV51216ALL-70XI IS62WV512 |
512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 512K X 16 STANDARD SRAM, 45 ns, PBGA48 512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 12k × 16低电压,超低功耗的CMOS静态RAM 512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 512K X 16 STANDARD SRAM, 55 ns, PDSO44
|
Integrated Silicon Solution, Inc.
|
DS3832C-311 |
From old datasheet system 3.3V, 32Mb Advanced NV SRAM with Clock 3.3V/ 32Mb Advanced NV SRAM with Clock
|
MAXIM - Dallas Semiconductor DALLAS[Dallas Semiconductor] Dallas Semiconducotr
|
MM1065 MM1165T MM1165FT MM1065M MM1165JM MM1165ZM |
Ultra-low power consumption low-saturation three-pin regulator with on/off pin Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin 超低功耗低饱和度三针稳压器的ON / OFF端子
|
MITSUMI[Mitsumi Electronics, Corp.] MITSUMI ELECTRIC CO., LTD.
|
BYT115 BYT115_400 BYT115_200 BYT115/200 BYT115/400 |
Ultra low drop BICMOS voltage regulator From old datasheet system Ultra Fast Recovery Silicon Power Rectifier
|
Vishay Siliconix
|
RT9178 |
SHDN/BP. Ultra Low-Noise. FTR 200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
|
RICHTEK
|