PART |
Description |
Maker |
B-329P |
B-329P 3PST N.O., Double Break, 20 Amps, 260/450 VAC, 400 Hz
|
Tyco Electronics
|
C167CS-4R SAB-C167CS-4R33M SAB-C167CS-4RM |
BOARD INTERFACE KGZ/GMS 0-100% MN Series Basic Switch, Double Pole Double Throw Double Break Circuitry, 15 A at 480 Vac, Pin Plunger Actuator, 3,34 N - 5,56 N [12 oz - 20 oz] Operating Force, Gold Contacts, Quick Connect Termination Silver Contacts, Screw Termination CSA, UL MN Series Basic Switch, Double Pole Double Throw Double Break Circuitry, 15 A at 480 Vac, Pin Plunger Actuator, 1,95 N - 3,1 N [7 oz - 11 oz] Operating Force, Quick Connect Termination, Fine Silver Contacts, Screw Termination, CSA, UL
|
Infineon Technologies AG
|
586-105111-2 586-305111-2 586-305111-3 586-105111- |
Water resistant Double-make or double-break contacts Water resistant Double-make or double-break contacts
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
STG3155 STG3155DTR |
Low voltage 0.5Ω Max single SPDT switch with break-before-make feature Low voltage 0.5 Ohm Max single SPDT switch with break-before-make feature Low voltage 0.5ヘ Max single SPDT switch with break-before-make feature
|
ST Microelectronics, Inc. STMICROELECTRONICS[STMicroelectronics]
|
NN-307 |
SPST Double Break Main Contacts
|
Tyco Electronics
|
STG3690TTR STG3690 STG3690QTR |
LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STG4158BJR STG4158 |
Low voltage 0.6 Ω typ single SPDT switch with break-before-make feature and 15 kV ESD protection Low voltage 0.6 ヘ typ single SPDT switch with break-before-make feature and 15 kV ESD protection
|
STMicroelectronics
|
STG3685 STG3685BJR |
LOW VOLTAGE 0.5 OHM MAX DUAL SPDT SWITCH, SINGLE ENABLE WITH BREAK BEFORE MAKE FEATURE
|
ST Microelectronics
|
STG3684QTR STG3684 |
LOW VOLTAGE 0.5 OHM MAX DUAL SPD SWITCH WITH BREAK BEFORE MAKE FEATURE LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
7872RPDE |
Enclosed Switches Series LS: Rod - Adjustable; 1NC 1NO DPDT Snap Action, Double Break; 0.5 in - 14NPT conduit; Plug-in
|
Maxwell Technologies, Inc
|