PART |
Description |
Maker |
12-142 13-142 |
Terminal Block; Number of Positions:12; Pitch Spacing:0.563"; Wire Size (AWG):10; Color:Black; Leaded Process Compatible:No; Number of Contacts:12; Peak Reflow Compatible (260 C):No 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .563 13 POS 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
Cinch Connectors
|
39880-0109 39880-0107 39880-0104 39880-0113 MOLEXI |
15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Number of Positions:4; Pitch Spacing:0.2"; Wire Size (AWG):30-12; Mounting Type:PC Board; Body Material:PA Polyamide (Nylon); Color:Black; Contact Plating:Tin; Current Rating:15A; Number of Rows:1
|
MOLEX INC
|
1786580000 1786560000 0298360000 1749170000 029846 |
PCB Terminal; Number of Positions:2; Pitch Spacing:7.62"; Wire Size (AWG):10-26; Mounting Type:PCB; Number of Rows:1 MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 6 mm2, Pitch: 7.62 mm, No. of poles: 2, 180°, Box
|
Weidmuller, Corp.
|
1770740000 |
Terminal Block; Number of Positions:2; Pitch Spacing:0.138"; Wire Size (AWG):22-10; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; Number of Contacts:2 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, SOCKET
|
Weidmuller, Corp.
|
1608640000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Tension Clamp MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
102430 |
Terminal Block; Leaded Process Compatible:Yes; Mounting Type:Clipped; Wire Size (AWG):26-12; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes MODULAR TERMINAL BLOCK
|
Weidmuller, Corp.
|
57.504.0055.0 |
Terminal Block; Wire Size (AWG):22-10; Mounting Type:DIN Rail; Color:Gray; Current Rating:35A; Terminal Block Clamp Type:Feed-Thru Terminals; Voltage Rating:600V RoHS Compliant: Yes 35 A, MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc.
|
57.503.0055.0 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Gray; Current Rating:30A; Terminal Block Clamp Type:Feed-Thru Terminals; Voltage Rating:600V RoHS Compliant: Yes 30 A, MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc.
|
1792730000 |
Terminal Block; Wire Size (AWG):24-16; Mounting Type:DIN Rail; Terminal Block Clamp Type:Spring Clamp 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
2-1546211-0 1-1546211-0 2-1546211-5 |
STRIP TERMINAL BLOCK, 1 ROW, 1 DECK TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE , CLOSED ENDS, 5.00mm PITCH
|
Tyco Electronics
|
39850-0113 |
Terminal Block; Pitch Spacing:0.197"; Body Material:Thermoplastic; No. of Contacts:13; No. of Rows:1; Series:Beau Eurostyle 39850 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
25.700.0153.0 |
Terminal Block; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 30 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc.
|
|