PART |
Description |
Maker |
74AC86 74AC86PC 74AC86SJ 74AC86SJX 74AC86MTCX 74AC |
IC-SM-74AC ADVANCED CMOS 集成电路Sm - 74AC先进的CMOS From old datasheet system Quad 2-Input Exclusive-OR Gate Quad 2-input Exclusive OR (XOR) Gate Complete High-Speed CMOS, 12-Bit ADC AC SERIES, QUAD 2-INPUT XOR GATE, PDSO14 CMOS, 8-Bit-Compatible, 12-Bit DAC AC SERIES, QUAD 2-INPUT XOR GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
AD50207-1 AD50207-2 AD50207-3 AD50207-4 AD50207-6 |
Quad 12-Bit Microprocessor - Compatible D/A Converter Quad 12-Bit Microprocessor Compatible D/A Converter QUAD 12 BIT MICROPROCESSOR COMPATIBLE D/A CONVERTER
|
Analog Devices
|
AD7836 AD7836AS AD7836ASZ AD7836-15 |
LC MOS Quad 14-Bit DAC Quad 14-Bit CMOS DAC on One Monolithic Chip PARALLEL, WORD INPUT LOADING, 16 us SETTLING TIME, 14-BIT DAC, PQFP44 LC2MOS Quad 14-Bit DAC
|
AD[Analog Devices]
|
AD7835AP AD7835AS AD7834BN AD7835 AD7834AR |
14-Bit Quad DAC(14浣??D/A杞???? LC2MOS Quad 14-Bit DAC 2.35V-5.25V, 12 bit, 1MSPS, Serial ADC 6-SC70 -40 to 125 QUAD, SERIAL INPUT LOADING, 10 us SETTLING TIME, 14-BIT DAC, PDIP28 LC2MOS Quad 14-Bit DAC
|
http:// Analog Devices, Inc.
|
MC100EP80906 MC100EP809FAG MC100EPT2106 MC74VHCT02 |
Inverting Octal Bus Buffer; Package: SOEIAJ-20; No of Pins: 20; Container: Rail; Qty per Container: 40 AHCT/VHCT SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 PNP DIGITAL TRANSISTOR (BULT-IN RESISTORS) 3.3V ECL Programmable Delay Chip with FTUNE 5V ECL 8-Bit Scannable Register 3.3V ECL Phase?Frequency Detector Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?Compatible Inputs Octal D?Type Flip?Flop with 3?State Output Octal D?Type Latch with 3?State Output 8?Bit Addressable Latch/1?of?8 Decoder CMOS Logic Level Shifter with LSTTL?Compatible Inputs Octal Bus Transceiver Quad 2?Channel Multiplexer Hex Schmitt Inverter Dual 2?to?4 Decoder/ Demultiplexer 3?to?8 Line Decoder Quad 2?Input NAND Schmitt Trigger Quad 2?Input AND Gate Hex Inverter Quad 2?Input NOR Gate 3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator 3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
|
ONSEMI[ON Semiconductor] UTC
|
MX7576AQ MX7576BQ MX7576D MX7576J MX7576JCWN MX757 |
CMOS, µP Compatible, 5µs/10µs, 8-Bit ADCs CMOS, uP-Compatible, 5μs/10μs, 8-Bit ADCs CMOS, uP-Compatible, 5s/10s, 8-Bit ADCs CMOS, μP-Compatible, 5μs/10μs, 8-Bit ADCs CMOS uP-Compatible 5s/10s 8-Bit ADCs CMOS / uP-Compatible / 5s/10s / 8-Bit ADCs CMOS, uP-Compatible, 5レs/10レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC20 CMOS, uP-Compatible, 5レs/10レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP18 CMOS, µP Compatible, 5µs/10µs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP18
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
MC74HCT08AD MC74HCT08AN MC54_74HCT08A ON1506 MC54H |
Quad 2-Input NAND Gate with LSTTL-Compatible Inputs QUAD 2-INPUT AND GATE WITH LSTTL-COMPATLBLE INPUTS From old datasheet system Quad 2-Input AND Gate with LSTTL-Compatible Inputs
|
Motorola, Inc. ON Semi
|
AM188ES-25KI_W |
High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
|
AMD
|
AM186EM-40KC_W AM188EM AM188EM-20KI_W AM188EM-20VC |
High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
|
AMD[Advanced Micro Devices]
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
|