PART |
Description |
Maker |
PHD16N03LT |
N-channel TrenchMOS?/a> logic level FET N-channel Trenchmos (tm) logic level FET N-channel TrenchMOS⑩ logic level FET From old datasheet system N-channel TrenchMOSlogic level FET 16 A, 30 V, 0.067 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
PH3230S PH3230S115 |
N-channel Trenchmos (tm) logic level FET; Package: SOT669 (LFPAK); Container: Tape reel smd 107 A, 30 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET, MO-235AA N-channel TrenchMOS logic level FET N-channel TrenchMOS⑩ logic level FET
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
FDS6911 |
Fast switching speed, Low gate charge Dual N-Channel Logic Level PowerTrench? MOSFET 20V, 7.5A, 13mΩ Dual N-Channel Logic Level PowerTrench㈢ MOSFET 20V, 7.5A, 13mヘ Dual N-Channel Logic Level PowerTrench??MOSFET 20V, 7.5A, 13m??/td>
| SOP
|
List of Unclassifed Manufacturers FAIRCHILD[Fairchild Semiconductor]
|
SUP40N06-25L SUB40N06-25L |
N-Channel Enhancement-Mode MOSFETs, Logic Level N-Channel 60-V (D-S), 175 Degrees Celcious MOSFET, Logic Level
|
VISAY[Vishay Siliconix]
|
SUD15N06 SUD15N06-90L |
N-Channel 60-V (D-S), 175C MOSFET; Logic Level; N通道60VD-S75MOSFET,逻辑电平 N-Channel 60-V (D-S), 175C MOSFET;
Logic Level; N-Channel 60-V (D-S), 175C MOSFET, Logic Level N-Channel 60-V (D-S) 175C MOSFET, Logic Level
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. Vishay Siliconix
|
RFD14N05LSM RFP14N05L RFD14N05L |
MULTI DVI DAISY CHAINABLE RECEIVER - CATX 14 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA TV TO VGA/HDTV VIDEO SCALER 14 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA 14A/ 50V/ 0.100 Ohm/ Logic Level/ N-Channel Power MOSFETs 14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs 14A 50V 0.100 Ohm Logic Level N-Channel Power MOSFETs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HGT1S14N36G3VL HGT1S14N36G3VLS HGTP14N36G3VL HGT1S |
DIODE ZENER SINGLE 500mW 30Vz 4.2mA-Izt 0.05 0.1uA-Ir 23Vr DO35-GLASS 5K/REEL DIODE ZENER SINGLE 500mW 39Vz 3.2mA-Izt 0.05 0.1uA-Ir 32Vr DO35-GLASS 5K/AMMO 14A 360V N-Channel Logic Level Voltage Clamping IGBTs 14A, 360V N-CHANNEL, LOGIC LEVEL, VOLTAGE CLAMPING IGBTS 14A, 380V Logic Level, Voltage Clamped, Avalanche Energy Rated, ESD Protected IGBT 14A/ 360V N-Channel/ Logic Level/ Voltage Clamping IGBTs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FDS894910 FDS8949 FDS8949-F085 |
Dual N-Channel Logic Level PowerTrench MOSFET Dual N-Channel Logic Level PowerTrench垄莽 MOSFET Dual N-Channel Logic Level PowerTrench庐 MOSFET Dual N-Channel Logic Level PowerTrench? MOSFET
|
Fairchild Semiconductor
|
PSMN9R0-25MLC PSMN9R0-25MLC-15 |
N-channel 25 V 8.65 mili ohm logic level MOSFET in LFPAK33 N-channel 25 V 8.65 mΩ logic level MOSFET in LFPAK33 using NextPower Technology
|
NXP Semiconductors
|
FDD6632_04 FDD6632 FDD663204 FDD6632NL |
30V N-Channel Logic Level UltraFET Trench Power MOSFET 4 A, 30 V, 0.09 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 N-Channel Logic Level UltraFET? Trench Power MOSFET 30V, 9A, 70m?/a> N-Channel Logic Level UltraFET㈢ Trench Power MOSFET 30V, 9A, 70mз
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
PSMN010-55D |
N-channel logic level TrenchMOS(tm) transistor N-channel logic level TrenchMOS TM transistor N-channel logic level TrenchMOS transistor(N沟道逻辑电平 TrenchMOS晶体
|
Philips Semiconductors NXP Semiconductors N.V.
|