PART |
Description |
Maker |
STM8AF5189TCXXXU STM8AF51A8TCXXXU STMICROELECTRONI |
8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP64 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP48 8-BIT, MROM, 24 MHz, MICROCONTROLLER, PQFP32 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP80
|
STMICROELECTRONICS
|
AT89C51RC08 AT89C51RC-33JU AT89C51RC-24PU |
8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 GREEN, PLASTIC, MS-018AC, LCC-44 8-bit Microcontroller with 32K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PDIP40
|
ATMEL Corporation Atmel, Corp.
|
AT89C51-20PC AT89C51-20JI AT89C51-20PI AT89C51-20Q |
Quadruple 2-Input Positive-NOR Gate 14-SOIC -40 to 125 8-Bit Microcontroller with 4K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 4K Bytes Flash 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQCC44 Quadruple 2-Input Positive-NOR Gate 14-TSSOP -40 to 125 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDIP40 8-Bit Microcontroller with 4K Bytes Flash 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PDIP40
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
ATMEGA162V-8MUR ATMEGA162V-8AU |
8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, QCC44 7 X 7 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220VKKD-3, MLF-44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44
|
Atmel, Corp. ATMEL CORP
|
IS89C52 IS89C52-12PL IS89C52-12PLI IS89C52-12PQ IS |
ECONOLINE: RY-S_DCP - Internal SMD Technology- 1kVDC Isolation- Short Circuit Protection: Current Limit- UL94V-0 Package Material- Regulated Output- No External Components Required- Efficiency to 63% 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQCC44 CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40
|
Integrated Silicon Solution Inc Integrated Silicon Solution, Inc.
|
T89C51RD2-3CSIM ATMELCORP-AT89LP213-20PU TSC80251A |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 12 MHz, MICROCONTROLLER, PQFP44 20MHZ, TQFP, IND TEMP, GREEN(MCU AVR) MCU AVR32 256K FLASH 100TQFP MCU AVR 2K FLASH 20MHZ 20VQFN 16MHZ, TQFP, IND TEMP, GREEN, 5.0(MCU AVR) -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 10MHZ, PDIP, IND TEMP, GREEN(MCU AVR) MCU AVR 256K FLASH 1.8V 64-TQFP MCU AVR 64K FLASH 1.6V 100-TQFP 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP64 MCU AVR 4K FLASH 15MHZ 20-QFN 8MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) IC MCU 512KB FLASH 144TFBGA MCU AVR 32K FLASH 1.6V 44-QFN BGA,ROHS-A,IND TEMP(ARM) 20MHZ,3X3 QFN/MLF, IND.TEMP, GREEN, 5V(MCU AVR) MCU AVR 64K FLASH 1.8V 64-TQFP MCU AVR 16K FLASH 4MHZ 36-LGA MCU AVR32 128K FLASH 48-QFN 8-BIT, 60 MHz, MICROCONTROLLER, PDIP40
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
STM32F205ZCT6XXX STM32F205ZCT6TR STM32F205RCY6TR S |
32-BIT, FLASH, 120 MHz, RISC MICROCONTROLLER, PQFP144 20 X 20 MM, ROHS COMPLIANT, LQFP-144 32-BIT, FLASH, 120 MHz, RISC MICROCONTROLLER, PBGA66 ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
|
ST Microelectronics STMICROELECTRONICS
|
PIC24HJ128GPX02 PIC24HJ128GPX04 PIC24HJ128GP502T-H |
High-Performance, 16-bit Microcontrollers 16-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQCC28 6 X 6 MM, 0.90 MM HEIGHT, PLASTIC, QFN-28 16-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 0.300 INCH, LEAD FREE, PLASTIC, SOIC-28 16-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQCC44 8 X 8 MM, LEAD FREE, PLASTIC, QFN-44
|
Microchip Technology
|
UPD70F3134AF1-EN4 UPD70F3134AYF1-EN4 UPD70F3134AF1 |
32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PBGA161 13 X 13 MM, PLASTIC, FBGA-161 32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PBGA161 20 X 20 MM, LEAD FREE, PLASTIC, LQFP-144 32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PQFP144 32-BIT, MROM, 80 MHz, RISC MICROCONTROLLER, PBGA161
|
NEC, Corp.
|
ATMEGA48 ATMEGA88V TSC80C31-25ABD TSC80C31-16MGDP8 |
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash 8-BIT, 25 MHz, MICROCONTROLLER, PQCC44 8-BIT, 16 MHz, MICROCONTROLLER, CDIP40 8-BIT, 30 MHz, MICROCONTROLLER, UUC40 8-BIT, MROM, 30 MHz, MICROCONTROLLER, PQFP44 8-BIT, 16 MHz, MICROCONTROLLER, UUC40 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC28 High performance, low power Atmel AVR 8-bit microcontroller Advanced RISC architecture 8-bit Microcontroller with 8K Bytes In-System Programmable Flash High endurance non-volatile memory segments High performance, low power Atme 8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
|
ATMEL Corporation TEMIC SEMICONDUCTORS
|
|