PART |
Description |
Maker |
MSK4422U MSK4422D MSK4422G MSK4422S |
20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
|
MSK[M.S. Kennedy Corporation]
|
MSK4304U MSK4303HU MSK4304D MSK4304ED MSK4304ES MS |
10 AMP, 75 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
|
MSK[M.S. Kennedy Corporation]
|
SB090P200-W-AG SB090P200-W-AG_AL SB090P200-W-AG/AL |
Schottky Barrier Diode Wafer 90 Mils, 200 Volt, 8 Amp
|
TRANSYS Electronics Limited
|
VN340SPTR-E VN340SP-E -VN340SP-E |
Zener Diode; Application: General; Pd (mW): 200; Vz (V): 6.06 to 6.33; Condition Iz at Vz (mA): 5; C (pF) max: -; Condition VR at C (V):   ESD (kV) min: -; Package: MPAK Zener Diode; Application: General; Pd (mW): 200; Vz (V): 6.26 to 6.53; Condition Iz at Vz (mA): 5; C (pF) max: -; Condition VR at C (V):   ESD (kV) min: -; Package: MPAK 四高端智能电源固态继电器 Quad high side smart Power solid state relay
|
EPCOS AG STMicroelectronics
|
MSK4226S |
75 VOLT 20 AMP MOSFET H-BRIDGE WITH GATE DRIVE
|
M.S. Kennedy Corporation
|
X28HC256D-12 X28HC256PZ-12 X28HC256PZ-15 X28HC256P |
256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 90 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 90 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 200 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC T&R 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-PDIP 32K X 8 EEPROM 5V, 90 ns, PDIP28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC T&R 32K X 8 EEPROM 5V, 90 ns, PQCC32 5V, Byte Alterable EEPROM
|
Intersil, Corp. Intersil Corporation
|
MSK4222 |
75 VOLT 8 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
|
ETC[ETC] N.A.
|
NTB5605 NTB5605P |
Power MOSFET -60 Volt, -18.5 Amp Power MOSFET -60 Volt, -18.5 Amp
|
ON Semiconductor
|
SFF20P10J |
20 AMP /100 Volts 200 mΩ P-Channel MOSFET 20 AMP /100 Volts 200 mヘ P-Channel MOSFET
|
SSDI[Solid States Devices, Inc]
|