PART |
Description |
Maker |
MSK4400 MSK4400S MSK4400D |
10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE From old datasheet system
|
ETC
|
FDB045AN08A0 FDB045AN08NBSP FDB045AN08 |
N-Channel UltraFET Trench MOSFET 75V, 80A, 4.5m?/a> N-Channel UltraFET ?Trench MOSFET 75V, 80A, 4.5mOhm From old datasheet system N-Channel UltraFET® Trench MOSFET N-Channel UltraFET Trench MOSFET 75V/ 80A/ 4.5m N-Channel UltraFET Trench MOSFET 75V, 80A, 4.5mз 19 A, 75 V, 0.0045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MSK4251U MSK4251D MSK4251G MSK4251S |
10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
|
MSK[M.S. Kennedy Corporation]
|
ISL6312CRZ-TK |
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications; Temperature Range: 0°C to 70°C; Package: 48-QFN T&R
|
INTERSIL CORP
|
IRF3808 IRF3808PBF |
75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A) Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A?) Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A?
|
International Rectifier
|
FDB060AN08A0 FDP060AN08A0 FDP060AN08A0NL FDB060AN0 |
N-Channel PowerTrench MOSFET 75V, 80A, 6.0m?/a> N-Channel PowerTrench MOSFET 75V, 80A, 6.0mз Discrete Automotive N-Channel PowerTrench MOSFET, 75V, 80A, 0.006 Ohms @ VGS = 10V, TO-220AB Package Discrete Automotive N-Channel PowerTrench MOSFET, 75V, 80A, 0.006 Ohms @ VGS = 10V, TO-263/D2PAK Package
|
FAIRCHILD[Fairchild Semiconductor]
|
ISL6611A ISL6611ACRZ ISL6611AIRZ ISL6611AIRZ-T |
Phase Doubler with Integrated Drivers and Phase Shedding Function; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R DUAL SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC16 Phase Doubler with Integrated Drivers Phase Doubler with Integrated Drivers
|
Intersil, Corp. Intersil Corporation
|
FDMS3500 |
N-Channel Power Trench? MOSFET 75V, 49A, 14.5mΩ N-Channel Power Trench㈢ MOSFET 75V, 49A, 14.5mヘ
|
Fairchild Semiconductor
|
NVS0.3CH-M6 NVS0.3CJ-M6 NVS0.3EH-M6 NVS0.3EJ-M6 NV |
Solid-State Time-Delay Relay NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ??.0V, ??2V, ??5V & ??4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ??拷.0V, ??拷2V, ??拷5V & ??拷4V Outputs Medical Grade Power Supply; Series:MWA 100; Output Voltage:12V; Output Power Max:100W; Output Current:8.3A; No. of Outputs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes NV系列 - 6W DC / DC转换9 - 36V的,18 - 36V的,36 - 72V NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, .0V, 2V, 5V & 4V Outputs NV系列 - 6W DC / DC转换9 - 36V的,18 - 36V的,36 - 72V 1-OUTPUT DC-DC REG PWR SUPPLY MODULE SURFACE MOUNT PACKAGE-14 2-OUTPUT DC-DC REG PWR SUPPLY MODULE SURFACE MOUNT PACKAGE-14 Medical Grade Power Supply; Series:MWA 100; Output Voltage:15V; Output Power Max:100W; Output Current:6.7A; No. of Outputs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes INTEGRATED CKT STATIC SENS NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, .0V, 2V, 5V & 4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ?.0V, ?2V, ?5V & ?4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V / 18-36V / 36-72V & 16-75V Inputs 3.3V / 5.0V / 12V / 15V / 5.0V / 12V / 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V 18-36V 36-72V & 16-75V Inputs 3.3V 5.0V 12V 15V 5.0V 12V 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 5.0V, 12V, 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 【5.0V, 【12V, 【15V & 【24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ±5.0V, ±12V, ±15V & ±24V Outputs
|
Power-One, Inc. POWER-ONE[Power-One]
|
STW160N75F3 STB160N75F30710 STP160N75F3 STB160N75F |
N-channel 75V - 3.5mΩ - 120A - TO-220 - TO-247 - D2PAK STripFET?/a> Power MOSFET N-channel 75V - 3.5mヘ - 120A - TO-220 - TO-247 - D2PAK STripFET⑩ Power MOSFET N-channel 75V - 3.5m楼? - 120A - TO-220 - TO-247 - D2PAK STripFET垄芒 Power MOSFET N-channel 75V - 3.5mΩ - 120A - TO-220 - TO-247 - D2PAK STripFET Power MOSFET N-channel 75V - 3.5mΩ - 120A - TO-220 - TO-247 - D2PAK STripFET?/a> Power MOSFET
|
STMicroelectronics
|
|