PART |
Description |
Maker |
IDT74FCT245 IDT74FCT245C IDT74FCT245A IDT54FCT245A |
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS Octal Bi-Directional Transceiver
|
Integrated Device Technology IDT Integrated Device Techn...
|
DBTC-6-4-75 DBTC-75OHMSSERIES DBTC-10-4-75 DBTC-13 |
Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-15 Surface Mount Directional Couplers 表面贴装定向耦合 Surface Mount Directional Couplers 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 3.1 dB INSERTION LOSS-MAX
|
http:// MINI[Mini-Circuits]
|
ST1.5KPS6.8 ST1.5KPS440 |
1,500 WATTS PEAK PULSE POWER 6.8 - 440 VOLTS UNI-DIRECTIONAL AND BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
|
SSDI[Solid States Devices, Inc]
|
2026-6009-20 2026-6009-10 2026-6007-10 2026-6001-1 |
1000 MHz - 18000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX Directional Couplers, Ultra-Broadband
|
Tyco Electronics
|
723612L15PQF IDT723612L15PF8 |
64 X 36 BI-DIRECTIONAL FIFO, 10 ns, PQFP132 PLASTIC, QFP-132 64 X 36 BI-DIRECTIONAL FIFO, 10 ns, PQFP120
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
TDC-10-1 TDC-10-2 TDC-6-1 PDC-10-1 PDC-10-1-75 PDC |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:36; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.005 MHz - 20 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 150 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.8 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 700 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.1 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.3 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.01 MHz - 35 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 750 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.9 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 250 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 400 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 800 MHz - 900 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.2 MHz - 250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX
|
N.A. Mini-Circuits Stackpole Electronics, Inc.
|
MM74HCT240 MM74HCT240MTC MM74HCT240N MM74HCT240SJ |
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer From old datasheet system Precision Air-Core Tach/Speedo Driver with Return to Zero; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
CBN-30M-1.5G CBN-30M-3G CBN-30M-4G CBN-30M-6G CBN- |
5000 MHz - 11000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.2 dB INSERTION LOSS-MAX 1000 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.2 dB INSERTION LOSS-MAX DIRECTIONAL COUPLERS
|
MERRIMAC INDUSTRIES INC http:// Merrimac Industries, Inc.
|
2450CP14A100 2450CP14A100S/PB |
2450 MHz Directional Coupler 2400 MHz - 2500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.74 dB INSERTION LOSS-MAX
|
Johanson Technology Inc.
|
WBC-WR-42-10-1-1-R WBC-WR-42-40-1-4-R WBC-WR-137-4 |
18000 MHz - 26500 MHz RF/MICROWAVE DIRECTIONAL COUPLER 5850 MHz - 8200 MHz RF/MICROWAVE DIRECTIONAL COUPLER 26500 MHz - 40000 MHz RF/MICROWAVE DIRECTIONAL COUPLER 12400 MHz - 18000 MHz RF/MICROWAVE DIRECTIONAL COUPLER
|
RLC ELECTRONICS INC
|
JYDC-7-1HP |
High Power Directional Coupler 50?/a> 30 to 500 MHz From old datasheet system High Power Directional Coupler 50з 30 to 500 MHz High Power Directional Coupler 50 30 to 500 MHz AC-DC Converter, 75 Watt Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 6.25, Package: U Bracket, Isolation(VDC): 3000, Operating Temp.: -25C to 50C, Low Ripple & Noise, High Efficiency up to 80%, Auto-Recovery, Single Outputs
|
http:// MINI[Mini-Circuits]
|