PART |
Description |
Maker |
MTM8N35 MTM8N40 MTH8N40 MTH8N35 |
(MTH8N35 / MTH8N40) Power Field Effect Transistor Power Field Effect Transistor N-Channel Enhancement-Mode Silicon Gate TMOS
|
Motorola Semiconductor MOTOROLA[Motorola, Inc]
|
NDP6020P NDB6020P |
P-Channel Enhancement Mode Field Effect Transistor24A,-20V0.05ΩP沟道增强型MOS场效应管(漏电流-24A, 漏源电压-20V,导通电0.05Ω 24 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-263AB P-Channel Logic Level Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
IRF540_D ON0285 IRF540/D IRF540-D IRF540 |
27 A, 100 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100V7A TMOS Power Field Effect Transistor (N-Channel Enhancement Mode Silicon Gate100V7A TMOS功率场效应管(N沟道增强型硅门)) From old datasheet system TMOS POWER FET 27 AMPERES TMOS E-FET Power Field Effect Transistor N-Channel Enhancement-Mode Silicon Gate
|
Motorola, Inc. ON Semiconductor
|
IRFF110 IRFF111 IRFF112 IRFF113 |
N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 100V. Continuous drain current 3.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 3.0A. Power MOS Field-Effect Transistors N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 3.5A.
|
General Electric Solid State GE Solid State
|
SSM3J02T |
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type Field Effect Transistor Silicon P Channel MOS Type Power Management Switch High Speed Switching Applications
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
SSM3J02F |
600 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 Field Effect Transistor Silicon P Channel MOS Type Power Management Switch High Speed Switching Applications TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
SSM3J13T |
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII) Field Effect Transistor Silicon P Channel MOS Type (U-MOSII) Power Management Switch High Speed Switching Applications
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
MRF8P20160HR3 |
RF Power Field Effect Transistors
|
Motorola Semiconductor Products
|
MRF141 |
RF FIELD-EFFECT POWER TRANSISTOR
|
Advanced Semiconductor
|
MRF5S9101MBR1 MRF5S9101NBR1 MRF5S9101NR1 |
RF Power Field Effect Transistors
|
Freescale (Motorola)
|