PART |
Description |
Maker |
MPXM2053 |
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
|
Motorola
|
MPXM2202GST1 MPX220208 MPXV2202DP MPXV2202GC6TI MP |
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
MPXM2010 MPXM2010D MPXM2010DT1 MPXM2010GS MPXM2010 |
10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
|
Freescale Semiconductor, Inc
|
MPX2201 MPX2200AP |
200 kPa on-Chip Temperature Compensated & Calibrated Pressure Sensors From old datasheet system
|
Motorola
|
MPXM2202 MPXM2202A MPXM2202AS MPXM2202AST1 MPXM220 |
200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors(200kPa片内温度补偿和校准硅压力传感 200 KPA ON CHIP TEMPERATURE COMPENSATED & CALIBRATED SILICON PRESSURE SENSORS
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 MOTOROLA[Motorola, Inc]
|
MPXV2010DP MPXV2010GP MPX2010 MPX2010D MPX2010DP M |
Compensated Pressure Sensor 10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
|
Freescale (Motorola) MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
71M6103-IF 71M6103-IL 71M6103-ILF 71M6103-ILR 71M6 |
On-Chip Temperature Sensor Enables Localized Digital Temperature On-Chip Power Monitoring
|
Maxim Integrated Products
|
MPX2100 MPX2100A MPX2100DP MPX2100GVP MPX2100AS MP |
0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL) 000千帕4.5 PSI)的全尺寸为40 mV跨度(典型) (MPX2100 / MPX2101) 0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL) Sensor
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
MPXV5050VC6T1 |
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
FREESCALE[Freescale Semiconductor, Inc]
|
AD7416-7418 EVAL-AD7416EB AD7417BR-REEL7 AD7417ARU |
Temperature Sensor: Single-Channel, 10-Bit ADC with On-Chip Temperature to Digital Converter, I<SUP>2</SUP>C, ±1°C Accuracy Temperature Sensor: 4-Channel, 10-Bit ADC with on-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418) 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418) 10位数字温度传感器(I2C接口芯片AD7416)和四通道ADC(AD7417/AD7418 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
|
Analog Devices, Inc. http://
|
C1812H124C1GACTU C1812H124C3GACTU C1812H124C4GACTU |
CAPACITOR, CERAMIC, MULTILAYER, 10 V, C0G, 0.0033 uF, SURFACE MOUNT, 0603 CHIP CAPACITOR, CERAMIC, MULTILAYER, 10 V, C0G, 0.0013 uF, SURFACE MOUNT, 0603 CHIP Surface Mount Ceramic Chip Capacitors High Temperature 200oC C0G MLCC Surface Mount Ceramic Chip Capacitors High Temperature 200潞C C0G MLCC Surface Mount Ceramic Chip Capacitors High Temperature 200篓卢C C0G MLCC
|
KEMET, Corp. Kemet Corporation
|