PART |
Description |
Maker |
MPSL51 |
Amplifier Transistor 600 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA Amplifier Transistor(PNP Silicon)
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|
MMBT4403G-AL3-R MMBT4403L-AE3-R MMBT4403L-AL3-R MM |
PNP GENERAL PURPOSE AMPLIFIER 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
UNISONIC TECHNOLOGIES CO LTD
|
MMPQ2907A FFB2907A FFB2907A_1 FMB2907A FMB2907ANL |
PNP Multi-Chip General Purpose Amplifier 600 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
MPS3391 MPS929 MPS930A MPS3390 MPS3396 MPS3397 MPS |
NPN silicon amplifier transistor. 45 V. (MPS929 / MPS930A) AMPLIFIER TRANSISTOR AMPLIFIER TRANSISTOR 放大器晶体管
|
Motorola, Inc Motorola Mobility Holdings, Inc.
|
APT15GT60BRG |
Insulated Gate Bipolar Transistor - NPT Standard Speed; Package: TO-247 [B]; BV(CES) (V): 600; VCE(sat) (V): 2; IC (A): 15; 30 A, 600 V, N-CHANNEL IGBT, TO-247
|
Microsemi, Corp.
|
JANS2N2906A JAN2N2907A JANTX2N2907A JANTX2N2907AL |
PNP SMALL SIGNAL SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR 64 x 18 asynchronous FIFO memory 56-SSOP 0 to 70 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
AM-191 AM-191PIN |
Low Noise Amplifier, 100 - 600 MHz Circular Connector; No. of Contacts:37; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:14; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:14-35 RoHS Compliant: No Low Noise Amplifier/ 100 - 600 MHz
|
Tyco Electronics
|
SMA67-1 |
10 TO 600 MHz CASCADABLE AMPLIFIER
|
MACOM[Tyco Electronics]
|
NOV-44 |
10 TO 600 MHz CASCADABLE AMPLIFIER
|
Tyco Electronics
|
AC688 |
200 TO 600 MHz TO-8 CASCADABLE AMPLIFIER
|
Teledyne Technologies I...
|