PART |
Description |
Maker |
2N5088 2N5089 ON0054 2N5088/D 2N5088RLRE |
Amplifier Transistor NPN Amplifier Transistor(NPN Silicon) Ampllfler Translstor From old datasheet system 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
ON Semiconductor
|
154-22 153-28 154-18 154-04 154-10 154-14 154-12 1 |
TRANSISTOR | BJT | NPN | 220V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 180V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 260V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 240V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 40V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 60V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 280V V(BR)CEO | 7.5A I(C) 晶体管|晶体管| npn型| 280伏特五(巴西)总裁| 7.5AI(丙
|
NXP Semiconductors N.V. Bel Fuse, Inc. YEONHO Electronics Co., Ltd.
|
MMBT1815L-GR-AN3-R MMBT1815-GR-AN3-R MMBT1815-GR-A |
HIGH FREQUENCY NPN AMPLIFIER TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD
|
2SC3807C |
2 A, 25 V, NPN, Si, POWER TRANSISTOR, TO-126 NPN Epitaxial Planar Silicon Transistor 25V / 2A High-hFE, Low Frequency General-Purpose Amplifier Applications
|
Sanyo Semicon Device
|
2SC5013 2SC5013-T1 2SC5013-T2 2SC5013-EB |
L BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
|
NEC[NEC] NEC Corp.
|
BC33825 BC33740 BC337 BC33840 BC33716 BC33725 BC33 |
Switching and Amplifier Applications Suitable for AF-Driver stages and low power output stages RES 220 OHMS 1% 1/4W 1206 800 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 SWITCHING AND AMPLIFIER APPLICATIONS 800 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
BFG520 BFG520_XR X BFG520_X BFG520XR BFG520/XR BFG |
NPN 9 GHz wideband transistor L BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR NPN 9GHz wideband transistor(NPN 9G赫兹 宽带晶体
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
2SD773 2SD773U4 2SD773-L2-AZ |
2000 mA, 16 V, NPN, Si, SMALL SIGNAL TRANSISTOR TRANSISTOR | BJT | NPN | 16V V(BR)CEO | 2A I(C) | TO-221VAR NPN SILICON TRANSISTOR From old datasheet system
|
NEC Corp. NEC[NEC]
|
FCX688B FCX688BTA |
TRANSISTOR NPN 12V 3000MA SOT-89 3000 mA, 12 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON POWER (SWITCHING) TRANSISTOR
|
Zetex Semiconductor PLC Zetex Semiconductors
|
MSC2295-BT1G |
NPN RF Amplifier Transistors Surface Mount Si, NPN, RF SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
2N3903 |
NPN General Purpose Amplifier 200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2N4401-T92-B 2N4401-T92-K 2N4401L-T92-B 2N4401L-T9 |
NPN GENERAL PURPOSE AMPLIFIER 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|