PART |
Description |
Maker |
2N2916 2N2914 2N2918 2N2914CECC 2N2918CECC |
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE Dual NPN Planar Transistor in a TO-77 Hermetic Package(双晶体管TO-77陶瓷封装 NPN 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77
|
Seme LAB TT electronics Semelab Limited TT electronics Semelab, Ltd.
|
BFG25AW BFG25AW_X BFG25AW/X BFG25X |
NPN 5 GHz wideband transistors C BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR NPN 5GHz wideband transistor(NPN 5G赫兹 宽带晶体
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BC550C BC550C_RR BC549 BC549C BC550 |
TRANSISTORSOT-54
TRANSISTOR|BJT|NPN|45VV(BR)CEO|100MAI(C)|TO-92
NPN general purpose transistors 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
http:// PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
PBSS4350SS115 |
50 V, 2.7 A NPN/NPN low VCEsat (BISS) transistor; Package: SOT96-1 (SO8); Container: Tape reel smd 2700 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
2N5038 JAN2N5039 JANTXV2N5039 2N5039 JAN2N5038 JAN |
NPN HIGH POWER SILICON TRANSISTOR 20 A, 90 V, NPN, Si, POWER TRANSISTOR, TO-204AA NPN HIGH POWER SILICON TRANSISTOR 2 A, 90 V, NPN, Si, POWER TRANSISTOR, TO-3 From old datasheet system (JAN2N5038 / JAN2N5039) NPN HIGH POWER SILICON TRANSISTOR NPN Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
TIP112T MJE15028A BUT56AW BUT56AA BUT56AN MOTOROLA |
2 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-220AB 8 A, 120 V, NPN, Si, POWER TRANSISTOR, TO-220AB 8 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-220AB 7 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB 5 A, 700 V, NPN, Si, POWER TRANSISTOR, TO-220AB 2.5 A, 750 V, NPN, Si, POWER TRANSISTOR, TO-220AB 3 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-220AB 6 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-220AB 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB 1 A, 300 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
JANS2N3498L JANS2N3498 JANS2N3500L JANS2N3501L JAN |
NPN SILICON TRANSISTOR NPN SILICON TRANSISTOR 300 mA, 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-5 NPN Transistor 500 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-5
|
Microsemi, Corp. Honeywell International, Inc. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
2SC5346 2SC5346S |
TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 50MA I(C) | SC-71VAR 50 mA, 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
|
Panasonic, Corp. Matsshita / Panasonic Panasonic Semiconductor
|
2N6132 2N6101 2N6491 2N6486 2N6487 2N6489 2N6099 2 |
NPN SILICON TRANSISTOR NPN SILICON TRANSISTOR 15 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB (2N6130 - 2N6134) NPN SILICON TRANSISTOR Leaded Power Transistor General Purpose Leaded Power Transistor Darlington
|
http:// ON Semiconductor Central Semiconductor Corp. Advanced Semiconductor CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
61084-300 61084 61084-001 61084-002 61084-101 6108 |
TV 29C 29#20 PIN PLUG 150 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR TV 42C 36#22D 6#8(TWINAX) SKT 150 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR SURFACE MOUNT (NPN) GENERAL PURPOSE TRANSISTOR
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
|