PART |
Description |
Maker |
B120NH03L 2SA1020G 2SA1020RLRA 2SA1020RLRAG 2SA177 |
N-channel 30V - 0.005ohm - 60A - TO-220 / D2PAK / I2PAK STripFET Power MOSFET for DC-DC conversion One Watt High Current PNP Transistor VOLTAGE AND CURRENT ARE NEGATIVE FOR PNP TRANSISTORS PNP Silicon General Purpose Amplifier Transistor NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver Switching Diode MPPS Miniature Package Power Solutions DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET Low?Voltage 1.8/2.5/3.3V 16?Bit Transparent Latch 8?Bit Bus Switch Low?Voltage 1.8/2.5/3.3V 16?Bit Transceiver
|
STMICROELECTRONICS ZETEX ONSEMI[ON Semiconductor]
|
2N4125TANL |
PNP General Purpose Amplifier 200 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
TN6728A NZT6728 NZT6728L99Z |
1200 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP General Purpose Amplifier
|
Unisonic Technologies Co., Ltd. FAIRCHILD[Fairchild Semiconductor]
|
BC369 BC369D27Z BC369D74Z |
PNP General Purpose Amplifier 1500 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2N3703_02 2N3703 |
PNP Epitaxial Silicon Transistor PNP General Purpose Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
FMBA56 |
PNP Multi-Chip General Purpose Amplifier 500 mA, 80 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BC847BPDW1T1 BC846BPDW1T1 |
Dual General Purpose Amplifier Transistors (NPN PNP)(-45V通用型双放大器晶体管(NPN PNP,SOT-363封装)) Dual General Purpose Amplifier Transistors (NPN PNP)(-65V通用型双放大器晶体管(NPN PNP,SOT-363封装))
|
ON Semiconductor
|
2N3905TAR |
PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Ammo 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
HN1A01FU E001966 |
Silicon PNP Transistor PNP EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS) From old datasheet system
|
N/A Toshiba Semiconductor
|
MPS8050 |
PNP General Purpose Amplifier(PNP????惧ぇ??
|
FAIRCHILD SEMICONDUCTOR CORP
|
BCW68G |
PNP General Purpose Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
PN2907AL-T92-B PN2907AL-T92-K PN2907A-T92-B PN2907 |
PNP GENERAL PURPOSE AMPLIFIER
|
Unisonic Technologies
|